Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2633 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2633
Description  STR91xFA low power management and power consumption
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2633 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2633 Datasheet HTML 3Page - STMicroelectronics AN2633 Datasheet HTML 4Page - STMicroelectronics AN2633 Datasheet HTML 5Page - STMicroelectronics AN2633 Datasheet HTML 6Page - STMicroelectronics AN2633 Datasheet HTML 7Page - STMicroelectronics AN2633 Datasheet HTML 8Page - STMicroelectronics AN2633 Datasheet HTML 9Page - STMicroelectronics AN2633 Datasheet HTML 10Page - STMicroelectronics AN2633 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
AN2633
Power supply and clocks
7/48
the main oscillator source at any time and turn off the PLL for low-power operation. The
PLL is always turned off in Sleep mode.
●
The fOSC input clock has a frequency of 4 to 25 MHz. This input clock can be sourced
by an external crystal connected to STR91xFA pins X1_CPU and X2_CPU or an
external oscillator device connected to X1_CPU.
●
RTC is a 32.768 kHz external crystal which can be connected to X1_RTC and X2_RTC
or an external oscillator connected to pin X1_RTC to constantly run the real-time clock
unit. You can program the application to run from this slow clock when you want to save
power.
You can choose the source to match the CPU performance and the power management
requirements of your application. Transitions from one clock to another are glitch-free and
do not disrupt any on-going activities



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com