Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2633 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2633
Description  STR91xFA low power management and power consumption
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2633 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2633 Datasheet HTML 1Page - STMicroelectronics AN2633 Datasheet HTML 2Page - STMicroelectronics AN2633 Datasheet HTML 3Page - STMicroelectronics AN2633 Datasheet HTML 4Page - STMicroelectronics AN2633 Datasheet HTML 5Page - STMicroelectronics AN2633 Datasheet HTML 6Page - STMicroelectronics AN2633 Datasheet HTML 7Page - STMicroelectronics AN2633 Datasheet HTML 8Page - STMicroelectronics AN2633 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
AN2633
Power supply and clocks
5/48
1.1.2
Independent A/D converter supply and reference voltage
The ADC has an isolated power supply which you can separately filter and shield from noise
in the PCB.
On 128-pin and 144-ball packages, the ADC unit has an independent analog voltage supply
input at pin AVDD (the ADC current consumption is detailed in Section 3.3: Measurements
and typical values on page 41) to accept a very clean voltage source. Additionally, an
independent supply ground connection is provided on pin AVSS. You can connect a separate
external reference voltage input for ADC on the AVREF pin for better accuracy on low
voltages inputs. The voltage on AVREF can range from 1.0 V to VDDQ.
On 80-pin/ball packages, the ADC voltage supply is tied internally to the ADC reference
voltage pin AVCC_AVREF and the analog ground is shared with the digital ground at a single
point, on pin AVSS_VSSQ.
1.1.3
Battery supply
An optional stand-by voltage from a battery or other source may be connected to pin VBATT
to retain the contents of SRAM in the event of a loss of the main digital supplies (VDD and
VDDQ). The SRAM will automatically switch its supply from the internal VDD source to the
VBATT pin when the VDD and VDDQ voltage drops below the LVD threshold (and VBAT
remains above the threshold).
Note:
In order to use the battery supply, the LVD must be enabled.
The VBATT pin also supplies power to the RTC unit, allowing the RTC to function even when
the main digital supplies (VDD and VDDQ) are switched off. By programming the device
configuration via JTAG, you can select to power only the RTC (by configuring the RTC) or
both the SRAM (by enabling the PWR bit in the RTC_CR register) and the RTC from VBATT.
1.1.4
Low voltage detector (LVD)
Voltage dropout: The LVD circuit monitors VDD, and VDDQ supplies and generates a global
reset whenever either voltage drops below the configured VDD_LVD and VDDQ_LVD levels. If
the MCU was reset by the LVD, this is flagged in the System status register
(SCU_SYSSTATUS) and an interrupt request to the VIC is generated if enabled.
Voltage brownout: You can also program the LVD to generate an Early Warning interrupt
when either voltage drops below the VDD_BRN and VDDQ_BRN thresholds. The Early Warning
event signal is connected to the VIC1.7 interrupt channel. Software can manage the Early
Warning interrupt using the VIC1.7 channel bits in the VIC registers.
Note:
When the LVD is turned off, the VBAT feature is not supported.
The LVD logic consists of a lower power voltage band gap that provide an accurate voltage
reference. This voltage reference is used to create the voltage threshold levels that are
compared with the supply voltages.
When either voltage supply falls below the threshold for that supply, the LVD generates a
global reset.
1.2
Power down mode
In STR91xFA low power modes, the Flash automatically reduces its power consumption and
can be read immediately after wake-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com