Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2633 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN2633
Description  STR91xFA low power management and power consumption
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2633 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN2633 Datasheet HTML 35Page - STMicroelectronics AN2633 Datasheet HTML 36Page - STMicroelectronics AN2633 Datasheet HTML 37Page - STMicroelectronics AN2633 Datasheet HTML 38Page - STMicroelectronics AN2633 Datasheet HTML 39Page - STMicroelectronics AN2633 Datasheet HTML 40Page - STMicroelectronics AN2633 Datasheet HTML 41Page - STMicroelectronics AN2633 Datasheet HTML 42Page - STMicroelectronics AN2633 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
AN2633
Operating measurements
39/48
Test 18 and19: LPMode_Idle_RTCAlarm
The system enters this mode as follows:
1.
After system power on, the system operates in Normal Run mode with the oscillator as
clock source.To indicate this, a LED connected to P9.1 is switched on.
2.
When you push a button connected to pin P7.4, the system enters Idle mode with the
desired frequency and the LED connected to P9.1 pin is switched off.
3.
The RTC is programmed to generate an interrupt every 10 seconds. Consequently,
after 10 seconds the RTC alarm wakes up the system causing a LED connected to
P9.0 pin to toggle. This is used to indicate that the MCU is in RUN mode operating with
the selected (uncommented) frequency.
Test 20 and 21: LPMode_Idle_ExternalWakeUP
The system enters this mode as follows:
1.
After system power on, the system operates in Normal Run mode with the oscillator as
clock source.To indicate this, a LED connected to P9.1 is switched on.
2.
When you push a button connected to pin P7.4, the system configures the selected
(uncommented) clock and then enters Idle mode and the LED connected to P9.1 is
switched off.
3.
When a falling edge on EXINT2 line 16 is detected, an external wake-up is generated.
To indicate that the MCU wakes up from Idle mode with the selected (uncommented)
frequency, a LED connected to P9.0 is toggled.
Test 22 and 23: LPMode_Idle_ExternalWakeUP_Interrupt
The system enters this mode as follows:
1.
After system power on, the system operates in Normal Run mode with the oscillator as
clock source.To indicate this, a LED connected to P9.1 is switched on.
2.
When you push a button connected to pin P7.4, the system enters Idle mode with the
desired frequency and the LED connected to P9.1 is switched off.
3.
When a falling edge on EXINT2 line 16 is detected, an interrupt is generated. To
indicate that the MCU wakes up from Idle mode with the selected (uncommented)
frequency, a LED connected to P9.0 pin is toggled.
Test 24 and 25: LPMode_Idle_WDG_Reset
The system enters this mode as follows:
1.
After system power on, the system operates in Normal Run mode with the oscillator as
clock source.To indicate this, a LED connected to P9.1 is switched on.
2.
When you push a button connected to pin P7.4, the system enters Idle mode with the
desired frequency and the LED connected to P9.1 is switched off.
3.
The WDG is programmed to generate a system reset once every 5 seconds.
Consequently, after 5 seconds the WDG Reset wakes up the system with the oscillator
as clock source causing a LED connected to P9.1 to be switched on.
Test 26 and 27: LPMode_Idle_WDG_Timer
The system enters this mode as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com