Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2633 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN2633
Description  STR91xFA low power management and power consumption
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2633 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2633 Datasheet HTML 24Page - STMicroelectronics AN2633 Datasheet HTML 25Page - STMicroelectronics AN2633 Datasheet HTML 26Page - STMicroelectronics AN2633 Datasheet HTML 27Page - STMicroelectronics AN2633 Datasheet HTML 28Page - STMicroelectronics AN2633 Datasheet HTML 29Page - STMicroelectronics AN2633 Datasheet HTML 30Page - STMicroelectronics AN2633 Datasheet HTML 31Page - STMicroelectronics AN2633 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
STR91xFA library low power mode functions
AN2633
28/48
FMI_LVDEN
The FMI low voltage detector can be selected as listed in the following table
FMI_FreqRange
The FMI frequency ranges that can be selected are listed in the following table:
Table 10.
FMI_PWD
FMI_PWD
Meaning
FMI_PWD_ENABLE
Enable the PWD
FMI_PWD_DISABLE
Disable the PWD
Table 11.
FMI_LVDEN
FMI_LVDEN
Meaning
FMI_LVD_ENABLE
Enable the LVD
FMI_LVD_DISABLE
Disable the LVD
Table 12.
FMI_FreqRange
FMI_FreqRange
Meaning
FMI_FREQ_LOW
Low working frequency (up to 66 MHz)
FMI_FREQ_HIGH
High working frequency (above 66 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com