Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2633 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN2633
Description  STR91xFA low power management and power consumption
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2633 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN2633 Datasheet HTML 28Page - STMicroelectronics AN2633 Datasheet HTML 29Page - STMicroelectronics AN2633 Datasheet HTML 30Page - STMicroelectronics AN2633 Datasheet HTML 31Page - STMicroelectronics AN2633 Datasheet HTML 32Page - STMicroelectronics AN2633 Datasheet HTML 33Page - STMicroelectronics AN2633 Datasheet HTML 34Page - STMicroelectronics AN2633 Datasheet HTML 35Page - STMicroelectronics AN2633 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
Operating measurements
AN2633
32/48
Power pin table
This table describes how to connect the STR91xFA power pins.
Table 15.
Power pin table
Signal Name
VCC(3V) Pin
VDD(1V8) Pin
RTC (2V4) Pin
VSS/GND
Pin
AVSS
4
VSSQ
8
VDDQ
9
VSS
16
VDD
17
VDDQ
23
VSSQ
24
VBAT
39
VSSQ
40
VSS
48
VDD
49
VDDQ
43
VSSQ
56
VDDQ
57
VSSQ
72
VDDQ
73
VDD
81
VSS
82
VDDQ
86
VSSQ
87
VDDQ
102
VSSQ
105
VDD
112
VSS
113
VDDQ
120
VSSQ
121
AVDD
122
AVREF
123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com