Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2633 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2633
Description  STR91xFA low power management and power consumption
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2633 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2633 Datasheet HTML 8Page - STMicroelectronics AN2633 Datasheet HTML 9Page - STMicroelectronics AN2633 Datasheet HTML 10Page - STMicroelectronics AN2633 Datasheet HTML 11Page - STMicroelectronics AN2633 Datasheet HTML 12Page - STMicroelectronics AN2633 Datasheet HTML 13Page - STMicroelectronics AN2633 Datasheet HTML 14Page - STMicroelectronics AN2633 Datasheet HTML 15Page - STMicroelectronics AN2633 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
Power supply and clocks
AN2633
12/48
This allows you to dynamically control the number of peripherals that are running which
allows you to optimize the power used in a very flexible way.
The Idle mode gating mask register 0 (SCU_MGR0) and the Idle mode gating mask register
1 (SCU_MGR1) allow you to define a set of peripherals that are kept running when the
microcontroller goes into Idle mode. In Sleep mode, all peripherals except the RTC are
turned off.
Clock gating in emulation mode
During emulation mode (debug state of the ARM966E-S processor) the System Controller
allows gating the clock of a peripheral or a group of peripherals. The software application
can choose to stop the desired peripheral when ARM966E-S enters emulation mode. When
you clear the related bit in the Peripheral emulation clock gating register 0 (SCU_PECGR0),
or Peripheral emulation clock gating register 1 (SCU_PECGR1), the peripheral clock is
gated in emulation mode.
1.4
Power modes
The STR91xFA has configurable and flexible power management features that allow you to
choose the best power option to fit your application. You can dynamically manage the power
consumption or hardware to match the system's requirements. Power management is
provided via clock control to the CPU and individual peripherals. The STR91xFA supports
the following 4 global power control modes:
●
Normal Run mode
●
Special Interrupt Run mode
●
Idle mode
●
Sleep mode
Note:
In the application development environment, a special mode (Debug state) is active during
in circuit emulation (ICE). In this mode, the clocks are never switched off when the ICE is in
use even if the CPU enters Idle or Sleep mode. In Idle mode, the CPU stops fetching
instructions, but the ICE can override this state in order to run the debugger code. Using
Flash_PD_DBG bit in the Power management register (SCU_PWRMNG) you can configure
the Flash to enter power down mode when debug mode is active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com