Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2633 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN2633
Description  STR91xFA low power management and power consumption
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2633 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN2633 Datasheet HTML 36Page - STMicroelectronics AN2633 Datasheet HTML 37Page - STMicroelectronics AN2633 Datasheet HTML 38Page - STMicroelectronics AN2633 Datasheet HTML 39Page - STMicroelectronics AN2633 Datasheet HTML 40Page - STMicroelectronics AN2633 Datasheet HTML 41Page - STMicroelectronics AN2633 Datasheet HTML 42Page - STMicroelectronics AN2633 Datasheet HTML 43Page - STMicroelectronics AN2633 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
Operating measurements
AN2633
40/48
1.
After system power on, the system operates in Normal Run mode with the oscillator as
clock source.To indicate this, a LED connected to P9.1 is switched on.
2.
When you push a button connected to pin P7.4, the system enters Idle mode with the
desired frequency and the LED connected to P9.1 is switched off.
3.
The WDG is programmed to generate an interrupt every 3 seconds. Consequently,
after 3 seconds the WDG interrupt wakes up the system causing a LED connected to
P9.0 pin to toggle. This is used to indicate that the MCU is in RUN mode operating with
the selected (uncommented) frequency.
Test 28 and 29: LPMode_Idle_UART_Interrupt
1.
First of all, you have to configure the Hyperterminal as follows:
Word Length = 7 Bits
Two Stop Bits
No parity
BaudRate = 115200 baud
Flow control: None
2.
After system power on, the system operates in Normal Run mode with the oscillator as
clock source.To indicate this, a LED connected to P9.1 is switched on. When you push
a button connected to pin P7.4, the system enters Idle mode and UART0 sends 2
messages to the Hyperterminal ("UART - Hyperterminal communication without
hardware flow control") and ("to exit from low power mode you should send a byte from
Hyperterminal") and the LED connected to P9.1 is switched off.
3.
The UART0 waits for a string from the hyperterminal that you must enter to wake-up the
MCU from Idle mode. A LED connected to P9.0 toggles to indicate that the system is in
Run mode and a message "STR91x is in Run mode" is sent to the hyperteminal.
Note:
Tests 28 and 29 work with any clock source (Oscillator, PLL: 48 MHz, PLL: 66 MHz and PLL:
96 MHz) except the RTC clock.
Test 30-31: LPMode_Idle_External_Reset
The system enters this mode as follows:
1.
After system power on, the system operates in Normal Run mode with the oscillator as
clock source. To indicate this, a LED connected to P9.1 is switched on.
2.
When you push a button connected to pin P7.4, the system enters Idle mode with the
desired frequency and the LED connected to P9.1 is switched off.
3.
The system waits until you push RESET pin to wake-up from Idle mode. To indicate that
the power mode is Normal Run mode operating with the oscillator as clock source, a
LED connected to P9.1 pin is switched on.
3.2.9
Special Interrupt Run mode tests
Test 32: LPMode_Run_Special_Interrupt_IRQ
1.
When you push a button connected to pin P7.4, the system enters Run mode and P9.0
pin toggles with the fRCLK=fMSTR/2 as frequency.
2.
When a falling edge on EXINT group 0 line2 is detected, an interrupt is generated.
When entering the interrupt in Special Interrupt Run mode IRQ, a LED connected to
P9.1 pin is toggled. After servicing the interrupt routine, the MCU returns back to Run
mode and P9.0 pin is toggled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com