Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2633 Datasheet(PDF) 45 Page - STMicroelectronics

Part # AN2633
Description  STR91xFA low power management and power consumption
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2633 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button AN2633 Datasheet HTML 40Page - STMicroelectronics AN2633 Datasheet HTML 41Page - STMicroelectronics AN2633 Datasheet HTML 42Page - STMicroelectronics AN2633 Datasheet HTML 43Page - STMicroelectronics AN2633 Datasheet HTML 44Page - STMicroelectronics AN2633 Datasheet HTML 45Page - STMicroelectronics AN2633 Datasheet HTML 46Page - STMicroelectronics AN2633 Datasheet HTML 47Page - STMicroelectronics AN2633 Datasheet HTML 48Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
AN2633
Operating measurements
45/48
On-chip peripherals
1
Data based on a differential IADD measurements between reset configuration and continuous A/D
conversions.
Table 21.
Peripherals current consumption at TA=25°C
Symbol
Parameter
Conditions
Typical
current on
VDD (1.8V)
Unit
IDDTIM
TIM Timer supply current(1)
fMSTR=fPLL=96 MHz, fRCLK=96 MHz,
fHCLK=fFMICLK=96 MHz,
fPCLK=48 MHz
0.67
mA
IDDMC
MC supply current(1)
1.06
IDDUART
UART supply current(1)
1.59
IDDI2C
I2C supply current(1)
0.5
IDDSSP
SSP supply current(1)
1.12
IDDCAN
CAN supply current(1)
3.79
IDDWIU
WIU supply current(1)
0.65
IDDGPIO
GPIO supply current(1)
0.31
IDDRTC
RTC supply current(1)
0.07
IDDVIC
VIC supply current(1)
7.79
IDDDMA
DMA supply current(1)
21.05
IDDENET
ENET supply current(1)
24.1
IDDPFQBC
PFQBC supply current(1)
19.85
IDDUSB
USB supply current(1)
fMSTR=fPLL=48 MHz, fRCLK=48 MHz,
fHCLK=fFMICLK=48 MHz,
fPCLK=48 MHz
2.41
1.
Data based on a differential IDD (Typical current on VDD=1.8V) measurements between the on-chip peripheral when kept
under reset, not clocked and the on-chip peripheral when clocked and not kept under reset.
Table 22.
ADC current consumption
Symbol
ADC modes
Condition
Typical
current
(AVDD=3.3V)
Unit
IADD
Run mode with conversion(1)
fMSTR=fOSC=fADC=24 MHz, fRCLK=24 MHz,
fFMICLK=fHCLK=fPCLK=24 MHz,
3.36
mA
IDDQ
4.64
IADD
Idle mode
3.36
IDDQ
4.64
IADD
Standby mode
1.93
IDDQ
3.21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com