Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2633 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN2633
Description  STR91xFA low power management and power consumption
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2633 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN2633 Datasheet HTML 25Page - STMicroelectronics AN2633 Datasheet HTML 26Page - STMicroelectronics AN2633 Datasheet HTML 27Page - STMicroelectronics AN2633 Datasheet HTML 28Page - STMicroelectronics AN2633 Datasheet HTML 29Page - STMicroelectronics AN2633 Datasheet HTML 30Page - STMicroelectronics AN2633 Datasheet HTML 31Page - STMicroelectronics AN2633 Datasheet HTML 32Page - STMicroelectronics AN2633 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
AN2633
Operating measurements
29/48
3
Operating measurements
3.1
Board set-up
The STR910 evaluation board (order code STR910-EVAL) and Uniboard (order code
UNIBOARD TQFP 128 14×14) are available for evaluation and testing purposes. Contact
your local ST sales office for further details.
3.1.1
Performing measurements with the STR910-EVAL board
For operating instructions, refer to the STR910_EVAL Board User Manual. With this board,
measurements can be made at VDDQ, VDD, AVDD and VBATT.
Consumption measurements
●
Current consumption in VDD can be made by replacing JP4 by an amperemeter.
●
Current consumption in VDDQ can be made by replacing JP2 by an amperemeter.
●
Current consumption in VBATT can be made by replacing JP15 by an amperemeter (to
measure battery current consumption).
●
Current consumption in AVDD can be made by replacing JP3 by an amperemeter (to
measure ADC current consumption).
To reduce power consumption, connect a pull-up resistor to USBDP pin and a pull-down
resistor to TAMPER_IN pin.
Wake-up time measurements
Definition:
Three wake-up times are defined:
●
Wake-up time from Sleep mode with a crystal connected to X1_CPU and X2_CPU,
●
Wake-up time from Sleep mode with an oscillator connected to X1_CPU,
●
Wake-up time from Idle mode.
●
These wake-up times measure the time between the wake-up trigger event and the first
fetched instruction by the core.
3.1.2
Performing measurements with the Uniboard TQFP128
Environment
The software toolsets used for the connection are: IAR or Signum. It is not possible to
connect with RVDK.
Note:
1
All pins on port 0 - 9 are 5 V tolerant.
2
There are no internal or programmable pull-up resistors on I/O ports 0 to 9. By default they
are in high-impedance input mode.
3
These external components are needed to update Uniboard TQFP128:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com