Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2633 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN2633
Description  STR91xFA low power management and power consumption
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2633 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN2633 Datasheet HTML 29Page - STMicroelectronics AN2633 Datasheet HTML 30Page - STMicroelectronics AN2633 Datasheet HTML 31Page - STMicroelectronics AN2633 Datasheet HTML 32Page - STMicroelectronics AN2633 Datasheet HTML 33Page - STMicroelectronics AN2633 Datasheet HTML 34Page - STMicroelectronics AN2633 Datasheet HTML 35Page - STMicroelectronics AN2633 Datasheet HTML 36Page - STMicroelectronics AN2633 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
AN2633
Operating measurements
33/48
JTAG table
This table describes how to connect STR91xFA with a JTAG interface.
Table 16.
JTAG connections
Signal Name
Pin
Connection
JTDO
117
Pull-up to 3V3 via10K resistor and HE-20 pin 13
JTCK
108
Pull-down to 3V3 via 10K resistor and HE-20 pin
JTMS
111
Pull-up to 3V3 via 10K resistor and HE-20 pin 7
JTDI
115
Pull-up to 3V3 via 10K resistor and HE-20 pin 5
JTRSTn
107
Pull-up to 3V3 via 10K resistor and HE-20 pin 3
JRTCK
97
Pull-up to 3V3 via 10K resistor and HE-20 pin 11
VCC
3V
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com