Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2633 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN2633
Description  STR91xFA low power management and power consumption
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2633 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN2633 Datasheet HTML 26Page - STMicroelectronics AN2633 Datasheet HTML 27Page - STMicroelectronics AN2633 Datasheet HTML 28Page - STMicroelectronics AN2633 Datasheet HTML 29Page - STMicroelectronics AN2633 Datasheet HTML 30Page - STMicroelectronics AN2633 Datasheet HTML 31Page - STMicroelectronics AN2633 Datasheet HTML 32Page - STMicroelectronics AN2633 Datasheet HTML 33Page - STMicroelectronics AN2633 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
Operating measurements
AN2633
30/48
Figure 4.
Regulator connection
Figure 5.
JTAG interface
Table 13.
Bill of material
Components
Value/Reference
Quantity
STR91x Chip
STR912FA
1
Capacitor
10 µF
6
Capacitor
100 nF
1
Capacitor
6 pF
2
Resistor
10 K
10
Oscillator
24 MHz-25 MHz
1
Quartz
32 kHz
1
Regulator
LD33V
1
Regulator
LD25V
1
Regulator
LD18V
1
Connector
HE-20
1
Battery
3 V
1
GND
LDXXV
Input
Output
10 µF
10 µF
JTDO
JTMS
JTRSTn
JRTCK
RESET_IN
1
13
9
7
5
3
11
15
2
4
6
8
10
12
14
16
18
20
HE-20 Connector
10k
3V3
10k
3V3
10k
3V3
10k
3V3
10k
3V3
10k
3V3
JTCK
JTDI
STR91xFA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com