Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2633 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2633
Description  STR91xFA low power management and power consumption
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2633 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2633 Datasheet HTML 23Page - STMicroelectronics AN2633 Datasheet HTML 24Page - STMicroelectronics AN2633 Datasheet HTML 25Page - STMicroelectronics AN2633 Datasheet HTML 26Page - STMicroelectronics AN2633 Datasheet HTML 27Page - STMicroelectronics AN2633 Datasheet HTML 28Page - STMicroelectronics AN2633 Datasheet HTML 29Page - STMicroelectronics AN2633 Datasheet HTML 30Page - STMicroelectronics AN2633 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
AN2633
STR91xFA library low power mode functions
27/48
2.14
FMI_Config
FMI_ReadWaitState
The FMI read wait states that can be selected are listed in the following table. These wait
states are only related to access of non sequential addresses. There are no wait states for
sequential accesses.
FMI_WriteWaitState
The FMI write wait states that can be selected are listed in the following table:
FMI_PWD
FMI power down mode can be selected as listed in the following table:
Function name
FMI_Config
Function prototype
void FMI_Config(u16 FMI_ReadWaitState, u32 FMI_WriteWaitState, u16
FMI_PWD, u16 FMI_LVDEN, u16 FMI_FreqRange
Behavior description
Configures the FMI
Input parameter 1
Fmi_ReadWaitState : Specifies FMI_ReadWaitState: specifies the read
wait state value.
Refer to Table 8: FMI_ReadWaitState for the allowed values.
Input parameter 2
FMI_WriteWaitState: specifies the read wait state value.
Refer to Table 9: FMI_WriteWaitState for the allowed values.
Input parameter 3
FMI_PWD: specifies the power down mode stat us.
Refer to Table 10: FMI_PWD for the allowed values.
Input parameter 4
FMI_LVDEN: specifies the low voltage detector mode status.
Refer to Table 11: FMI_LVDEN for the allowed values.
Input parameter 5
FMI_FreqRange: specifies the working frequency range.
Refer to Table 12: FMI_FreqRange for the allowed values.
Output parameter
None
Return parameter
None
Required preconditions
None
Called functions
None
Table 8.
FMI_ReadWaitState
FMI_ReadWaitState
Meaning
FMI_READ_WAIT_STATE_1
1 read wait state
FMI_READ_WAIT_STATE_2
2 read wait states
FMI_READ_WAIT_STATE_3
3 read wait states
Table 9.
FMI_WriteWaitState
FMI_WriteWaitState
Meaning
FMI_WRITE_WAIT_STATE_0
0 write wait state
FMI_WRITE_WAIT_STATE_1
1 write wait states



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com