Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2633 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN2633
Description  STR91xFA low power management and power consumption
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2633 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN2633 Datasheet HTML 27Page - STMicroelectronics AN2633 Datasheet HTML 28Page - STMicroelectronics AN2633 Datasheet HTML 29Page - STMicroelectronics AN2633 Datasheet HTML 30Page - STMicroelectronics AN2633 Datasheet HTML 31Page - STMicroelectronics AN2633 Datasheet HTML 32Page - STMicroelectronics AN2633 Datasheet HTML 33Page - STMicroelectronics AN2633 Datasheet HTML 34Page - STMicroelectronics AN2633 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
AN2633
Operating measurements
31/48
Pin connection
This table describes how you can connect STR91xFA with clock and reset.
Figure 6.
Reset circuit
Figure 7.
Oscillator circuit
Figure 8.
Real time clock circuit
Table 14.
Pin connections
Signal name
Pin
RESET_IN
89
X1 MCU
104
X1, X2 RTC
41, 42
TAMPER_IN
91
3V3
R2
10K
S4
C1
100 nF
RESET_IN
Pin 89
3V3
Pin 104
4
3
1
2
Pin 41
Pin 42
Q2 32 kHz
C4
C5
6 pF
6 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com