Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2633 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2633
Description  STR91xFA low power management and power consumption
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2633 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2633 Datasheet HTML 7Page - STMicroelectronics AN2633 Datasheet HTML 8Page - STMicroelectronics AN2633 Datasheet HTML 9Page - STMicroelectronics AN2633 Datasheet HTML 10Page - STMicroelectronics AN2633 Datasheet HTML 11Page - STMicroelectronics AN2633 Datasheet HTML 12Page - STMicroelectronics AN2633 Datasheet HTML 13Page - STMicroelectronics AN2633 Datasheet HTML 14Page - STMicroelectronics AN2633 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
AN2633
Power supply and clocks
11/48
1.3.8
Baud rate clock (BRCLK)
The baud rate clock is an internal clock derived from fMSTR that is used by the three on-chip
UART peripherals for baudrate generation. You can optionally divide the frequency by 2 by
setting the BR_SEL bit in the Clock control register (SCU_CLKCNTR). BRCLK can be gated
through the Peripheral Clock Gating Registers (see Section 1.3.13).
1.3.9
External memory interface (BCLK)
You can select the frequency of the EMI bus clock (BCLK) to be HCLK or HCLK/2 using the
EMIRATIO bit in the Clock control register (SCU_CLKCNTR). By default the frequency is
HCLK/2. The BCLK clock is available on the LFBGA package as an output pin. You can
disable the BCLK output by setting the BCLK_EN bit in the EMI register (SCU_GPIOEMI).
1.3.10
USB clock (USBCLK)
The USB clock can be derived from fMSTR when the frequency is 48 MHz or 96 MHz. If you
use another fMSTR frequency, the 48 MHz USBCLK must be sourced from the external pin
(GPIO pin). You select this using the USB_SEL [1:0] bits in the Clock control register
(SCU_CLKCNTR). USBCLK can be gated through the Peripheral Clock Gating Registers
(see Section 1.3.13).
1.3.11
Ethernet MAC clock
Special consideration regarding the Ethernet MAC: The external Ethernet PHY interface
device requires it’s own 25 MHz clock source. This clock can come from one of two sources:
●
A 25 MHz clock signal coming from a dedicated output pin (P5.2) of the STR91xFA. In
this case, the STR91xFA must use a 25 MHz signal on its main oscillator input in order
to pass this 25 MHz clock back out to the PHY device through pin P5.2. The advantage
here is that an inexpensive 25 MHz crystal may be used to source a clock to both the
STR91xFA and the external PHY device.
●
An external 25 MHz oscillator connected directly to the external PHY interface device.
In this case, the fOSC input clock doesn't have to be a 25 MHz crystal (from 4 MHz to
25 MHz).
You enable the output clock using the MAC_SEL bit in the Clock control register
(SCU_CLKCNTR).
1.3.12
External RTC calibration clock
The RTC_CLK can be enabled as an output on the JRTCK pin by setting the Calibration
Clock Output Enable bit in the RTC_CR register. The RTC_CLK is used for RTC oscillator
calibration. The RTC_CLK is active in Sleep mode and can be used as a system wake-up
control clock.
1.3.13
Peripheral clock gating
After reset, only the CPU, the Flash memory, the SRAM and a small subset of Peripheral
clock gating register 0 (SCU_PCGR0) and Peripheral clock gating register 1 (SCU_PCGR1)
registers) of the peripherals start operating. The other parts of the system remain stopped.
because the related PCGR bits are reset. To start them, you have to write 1 to the related
register bit. You can stop the peripheral again, by writing 0 to the related bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com