Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2633 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN2633
Description  STR91xFA low power management and power consumption
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2633 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN2633 Datasheet HTML 33Page - STMicroelectronics AN2633 Datasheet HTML 34Page - STMicroelectronics AN2633 Datasheet HTML 35Page - STMicroelectronics AN2633 Datasheet HTML 36Page - STMicroelectronics AN2633 Datasheet HTML 37Page - STMicroelectronics AN2633 Datasheet HTML 38Page - STMicroelectronics AN2633 Datasheet HTML 39Page - STMicroelectronics AN2633 Datasheet HTML 40Page - STMicroelectronics AN2633 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
AN2633
Operating measurements
37/48
3.2.6
Run mode tests
There are two tests in Normal Run mode. The first one operates in Normal Run mode with
all peripherals enabled and the other one operates with all peripherals disabled (refer to
Section 2.7: SCU_APBPeriphClockConfig and Section 2.8: SCU_AHBPeriphClockConfig
for information on configuring the peripherals).
Test 0: Run_Mode_Periph_ON:
1.
Initially, the system operates in Normal Run mode with the oscillator as clock source
and a LED connected to P9.1 pin is switched on.
2.
When you push a button connected to P7.4, the selected (uncommented) clock is
configured and all peripherals are enabled. To indicate that the system operates in
Normal Run mode with all peripherals enabled the LED connected to P9.1 is switched
OFF and a LED connected to P9.0 is toggled.
Test 1: Run_Mode_Periph_OFF:
1.
Initially, the system operates in Normal Run mode with the oscillator as clock source
and a LED connected to P9.1 pin is switched on.
2.
When you push a button connected to P7.4, the selected (uncommented) clock is
configured and all peripherals are disabled. To indicate that you operate in Normal Run
mode with all peripherals disabled, a LED connected to P9.1 is switched off.
3.2.7
Sleep mode tests
These tests show how to put the system in Sleep mode and then to wake-up from this mode
using either an RTC alarm, an external wake-up via Wake-up Unit (WIU), an external wake-
up interrupt via WIU or an external reset.
In Sleep mode, there are 4 possible configurations:
●
LVD_ON_PWD_ON: in this case the Low Voltage Detector (LVD) is enabled and the
Power Down mode is disabled.
●
LVD_ON_PWD_OFF: the LVD is enabled and the PWD is disabled.
●
LVD_OFF_PWD_ON: the LVD is disabled and the PWD is enabled.
●
LVD_OFF_PWD_OFF: the LVD is disabled and the PWD is disabled.
Test 2,3,4 and 5: LPMode_Sleep_RTCAlarm:
The system enters this mode as follows:
void LPMode_Run_Special_Interrupt_FIQ(void)
Test33
void LPMode_Vbatt_SRAM_ON(void)
Test 34
void LPMode_Vbatt_SRAM_OFF(void)
Test 35
Table 18.
Test routines
Routines
Test
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com