Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2633 Datasheet(PDF) 46 Page - STMicroelectronics

Part # AN2633
Description  STR91xFA low power management and power consumption
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2633 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button AN2633 Datasheet HTML 40Page - STMicroelectronics AN2633 Datasheet HTML 41Page - STMicroelectronics AN2633 Datasheet HTML 42Page - STMicroelectronics AN2633 Datasheet HTML 43Page - STMicroelectronics AN2633 Datasheet HTML 44Page - STMicroelectronics AN2633 Datasheet HTML 45Page - STMicroelectronics AN2633 Datasheet HTML 46Page - STMicroelectronics AN2633 Datasheet HTML 47Page - STMicroelectronics AN2633 Datasheet HTML 48Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
Operating measurements
AN2633
46/48
Table 23.
Wake-up times from Sleep and Idle modes
Parameter
Conditions
Wake-up
times
Unit
Wake-up time
from Sleep
mode(1)
Oscillator connected to
X1_CPU
fMSTR=fOSC=25 MHz, fRCLK=25 MHz,
fFMICLK=fHCLK=fPCLK=25 MHz,
55.5
µs
fMSTR=fRTC=32.768 kHz, fRCLK=32.768 kHz
fFMICLK=fHCLK=fPCLK=32.768 kHz,
1.53
ms
Crystal connected to
X1_CPU and X2_CPU(2)
fMSTR=fRTC=32.768 kHz, fRCLK=32.768 kHz
fFMICLK=fHCLK=fPCLK=32.768 kHz,
1.72
ms
Wake-up time
from Idle
mode(1)
Crystal connected to
X1_CPU and X2_CPU
fMSTR=fOSC=25MHz, fRCLK=25 MHz,
fFMICLK=fHCLK=fPCLK=25 MHz,
2µs
fMSTR=fRTC=32.768 kHz, fRCLK=32.768 kHz
fFMICLK=fHCLK=fPCLK=32.768 kHz,
1.45
ms
1.
The wake-up times don’t include the interrupt latency.
2
This time includes the crystal start up time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com