Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2633 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2633
Description  STR91xFA low power management and power consumption
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2633 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2633 Datasheet HTML 12Page - STMicroelectronics AN2633 Datasheet HTML 13Page - STMicroelectronics AN2633 Datasheet HTML 14Page - STMicroelectronics AN2633 Datasheet HTML 15Page - STMicroelectronics AN2633 Datasheet HTML 16Page - STMicroelectronics AN2633 Datasheet HTML 17Page - STMicroelectronics AN2633 Datasheet HTML 18Page - STMicroelectronics AN2633 Datasheet HTML 19Page - STMicroelectronics AN2633 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
Power supply and clocks
AN2633
16/48
N_dummy_Instr = (fcpuclk/fosc_x1)*12 if (fcpuclk/fosc_x1)>=1
N_dummy_Instr = 3 if (fcpuclk/fosc_x1)<1
The worst case is represented by the core working out at the PLL maximum frequency (96
MHz) with an 4 MHz crystal or oscillator on the X1 inputs. In this case 288 dummy
instructions would be needed.
Sleep mode with a crystal connected to X1_CPU input
In order to cut the power consumption due to oscillation, the crystal inputs are disabled
during Sleep mode. During recovery from Sleep mode the oscillator takes a start-up time to
re-start the oscillation (Refer to the datasheet for the start-up time). For this reason, when a
crystal is connected to the crystal inputs, the system clock source must be switched
to the RTC clock before entering Sleep mode. After waking up, the CPU runs on the RTC
clock and needs to wait until the crystal start-up time elapses before switching back to the
oscillator or PLL clock (Refer to STR91xFA Reference Manual for more information about
Clock Management during Sleep mode with crystal connected).
Sleep mode with an oscillator connected to X1_CPU input
In this case, the oscillation restarts right away after the X1 inputs are re-enabled and it is not
necessary to switch to RTC clock before entering Sleep mode.
Sleep mode with the PLL used as system clock source
If the oscillation on the X1_CPU inputs is generated by a crystal the software has to
explicitly switch the system clock source to the RTC clock before entering Sleep mode and,
when exiting Sleep mode, switch back to the PLL only after the crystal start-up time.
During Sleep mode, the PLL is automatically turned off and the system clock is
automatically switched to the oscillator input. On exit from Sleep mode, the system clock
goes back to the PLL clock only after the PLL is locked.
If the oscillation on the X1_CPU input is generated by an oscillator no action needs to be
taken since the PLL is automatically turned off, the system clock is automatically connected
to the oscillator clock and changed back to the PLL clock after exiting from Sleep mode once
the PLL is locked (refer to STR91xFA Reference Manual for more information about Clock
Management during Sleep mode
with crystal and PLL).
Sleep mode entry timing
When Sleep mode is selected, all the clock circuits and the oscillator pad (4-25 MHz) are
turned off. This procedure is controlled by a dedicated State Machine inside the Power
Management Unit (PMU), in order to switch off the clocks safely.
During the Sleep mode sequence, there are many interactions between the Power
Management Unit (PMU) and the Clock Control Unit (CCU). In particular, when the low
power mode is set, a signal is asserted to gate the peripheral clocks. As response to this
signal, all the peripherals have to send back to the PMU the acknowledgement that the clock
was shut-off.
The setting or enabling of the peripheral clocks depends on the Clock control register
(SCU_CLKCNTR) configuration and on the EE bit setting in the Watchdog clock control
register (selecting APB or RTC clock as the Watchdog clock source).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com