Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2633 Datasheet(PDF) 44 Page - STMicroelectronics

Part # AN2633
Description  STR91xFA low power management and power consumption
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2633 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button AN2633 Datasheet HTML 40Page - STMicroelectronics AN2633 Datasheet HTML 41Page - STMicroelectronics AN2633 Datasheet HTML 42Page - STMicroelectronics AN2633 Datasheet HTML 43Page - STMicroelectronics AN2633 Datasheet HTML 44Page - STMicroelectronics AN2633 Datasheet HTML 45Page - STMicroelectronics AN2633 Datasheet HTML 46Page - STMicroelectronics AN2633 Datasheet HTML 47Page - STMicroelectronics AN2633 Datasheet HTML 48Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
Operating measurements
AN2633
44/48
1
ARM core and peripherals active with all clocks on
2
ARM core active and all peripheral clocks stopped
3
ARM core stopped and all peripheral clocks on
4
ARM core stopped and all peripheral clocks stopped
IDDIDLE/
IDDQIDLE
Idle mode
current from
FLASH
All
peripherals
ON(3)
fMSTR=fRTC=32.768 kHz, fRCLK=32.768 kHz,
fFMICLK=fHCLK=fPCLK=32.768 kHz,
0.78
0.47
mA
fMSTR=fOSC=25 MHz, fRCLK=25 MHz,
fFMICLK=fHCLK=fPCLK=25 MHz,
14.65
0.48
fMSTR=fPLL=48 MHz, fRCLK=48 MHz,
fFMICLK=fHCLK=fPCLK=48 MHz,
28.94
4.46
fMSTR=fPLL=66 MHz, fRCLK=66 MHz,
fFMICLK=fHCLK=66 MHz, fPCLK=33 MHz
35.99
4.04
fMSTR=fPLL=96 MHz, fRCLK=96 MHz,
fFMICLK=fHCLK=96 MHz, fPCLK=48 MHz
51.35
4.46
All
peripherals
OFF(4)
fMSTR=fRTC=32.768 kHz, fRCLK=32.768 kHz,
fFMICLK=fHCLK=fPCLK=32.768 kHz,
0.76
0.47
fMSTR=fOSC=25 MHz, fRCLK=25 MHz,
FMICLK=HCLK=fPCLK=25 MHz,
5.18
0.48
fMSTR=fPLL=48 MHz, fRCLK=48 MHz,
fFMICLK=fHCLK=fPCLK=48 MHz,
10.99
4.46
fMSTR=fPLL=66 MHz, fRCLK=66 MHz,
fFMICLK=fHCLK=66 MHz, fPCLK=33 MHz
12.26
4.06
fMSTR=fPLL=96 MHz, fRCLK=96 MHz,
fFMICLK=fHCLK=96 MHz, fPCLK=48 MHz
17.22
4.46
IDDSLEEP/
IDDQSLEEP
Sleep mode current
LVD On, PWD On
29.34
10.06
µA
LVD On, PWD Off
47.08
10.06
LVD Off, PWD On
24.52
6.92
LVD Off, PWD off
41.36
6.92
Table 20.
Typical power consumption data on VDD and VDDQ at TA=25°C (continued)
Symbol
Parameter
Conditions
Typical
current
on VDD
(1.8V)
Typical
current
on VDDQ
(3.3V)
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com