Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2633 Datasheet(PDF) 43 Page - STMicroelectronics

Part # AN2633
Description  STR91xFA low power management and power consumption
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2633 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button AN2633 Datasheet HTML 39Page - STMicroelectronics AN2633 Datasheet HTML 40Page - STMicroelectronics AN2633 Datasheet HTML 41Page - STMicroelectronics AN2633 Datasheet HTML 42Page - STMicroelectronics AN2633 Datasheet HTML 43Page - STMicroelectronics AN2633 Datasheet HTML 44Page - STMicroelectronics AN2633 Datasheet HTML 45Page - STMicroelectronics AN2633 Datasheet HTML 46Page - STMicroelectronics AN2633 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
AN2633
Operating measurements
43/48
Table 20.
Typical power consumption data on VDD and VDDQ at TA=25°C
Symbol
Parameter
Conditions
Typical
current
on VDD
(1.8V)
Typical
current
on VDDQ
(3.3V)
Unit
IDDRUN/
IDDQRUN
Run mode
current from
RAM
All
peripherals
ON(1)
fMSTR=fOSC=25 MHz, fRCLK=25 MHz,
fFMICLK=fHCLK=fPCLK=25 MHz,
52.98
0.8
mA
fMSTR=fPLL=48 MHz, fRCLK=48 MHz,
fFMICLK=fHCLK=fPCLK=48 MHz,
100.42
5.24
fMSTR=fPLL=66 MHz, fRCLK=66 MHz,
fFMICLK=fHCLK=66 MHz, fPCLK=33 MHz
122.86
4.55
fMSTR=fPLL=96 MHz, fRCLK=96 MHz,
fFMICLK=fHCLK=96 MHz, fPCLK=48 MHz
173.18
5.24
All
peripherals
OFF(2)
fMSTR=fOSC=25 MHz, fRCLK=25 MHz,
fFMICLK=fHCLK=fPCLK=25 MHz,
25.74
0.47
fMSTR=fPLL=48 MHz, fRCLK=48 MHz,
fFMICLK=fHCLK=fPCLK=48 MHz,
49.92
4.37
fMSTR=fPLL=66 MHz, fRCLK=66 MHz,
fFMICLK=fHCLK=66MHz, fPCLK=33 MHz
65.01
3.96
fMSTR=fPLL=96 MHz, fRCLK=96 MHz,
fFMICLK=fHCLK=96 MHz, fPCLK=48 MHz
92.49
4.37
Run mode
current from
FLASH
All
peripherals
ON(1)
fMSTR=fRTC=32.768 kHz, fRCLK=32.768 kHz,
fFMICLK=fHCLK=fPCLK=32.768 kHz,
0.9
0.66
fMSTR=fOSC=25 MHz, fRCLK=25 MHz,
fFMICLK=fHCLK=fPCLK=25 MHz,
54.88
0.75
fMSTR=fPLL=48 MHz, fRCLK=48 MHz,
fFMICLK=fHCLK=fPCLK=48 MHz,
109.54
5.27
fMSTR=fPLL=66 MHz, fRCLK=66 MHz,
fFMICLK=fHCLK=66 MHz, fPCLK=33 MHz
149.27
4.46
fMSTR=fPLL=96 MHz, fRCLK=96 MHz,
fFMICLK=HCLK=96 MHz, fPCLK=48 MHz
191.35
5.27
All
peripherals
OFF(2)
fMSTR=fRTC=32.768 kHz, fRCLK=32.768 kHz,
fFMICLK=fHCLK=fPCLK=32.768 kHz,
0.82
0.37
fMSTR=fOSC=25 MHz, fRCLK=25 MHz,
fFMICLK=fHCLK=fPCLK=25 MHz,
31.53
0.38
fMSTR=fPLL=48 MHz, fRCLK=48 MHz,
fFMICLK=fHCLK=fPCLK=48 MHz,
59.74
4.5
fMSTR=fPLL=66 MHz, fRCLK=66 MHz,
fFMICLK=fHCLK=66MHz, fPCLK=33 MHz
72.69
3.99
fMSTR=fPLL=96 MHz, fRCLK=96 MHz,
fFMICLK=fHCLK=96 MHz, fPCLK=48 MHz
102.56
4.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com