Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2633 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2633
Description  STR91xFA low power management and power consumption
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2633 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2633 Datasheet HTML 5Page - STMicroelectronics AN2633 Datasheet HTML 6Page - STMicroelectronics AN2633 Datasheet HTML 7Page - STMicroelectronics AN2633 Datasheet HTML 8Page - STMicroelectronics AN2633 Datasheet HTML 9Page - STMicroelectronics AN2633 Datasheet HTML 10Page - STMicroelectronics AN2633 Datasheet HTML 11Page - STMicroelectronics AN2633 Datasheet HTML 12Page - STMicroelectronics AN2633 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
AN2633
Power supply and clocks
9/48
1.3.4
PLL
As shown in Figure 2, the oscillator input clock (fOSC) is the input clock to the programmable
PLL frequency multiplier. When the PLL is active, it generates an output frequency (fPLL)
according to the following equation:
Where the values of M, N and P must satisfy the following constraints:
You program the M, N and P values by writing to the PLL configuration register
(SCU_PLLCONF).
Care is required when programming the PLL multiplier and divider factors, not to exceed the
maximum allowed operation frequency (96 MHz).
At power up, the CPU defaults to run on the oscillator clock, as the PLL is not ready (locked).
The CPU can switch to the PLL clock only after the LOCK bit in the System status register
(SCU_SYSSTATUS) is set. In Sleep mode, the PLL is turned off. When waking up from
sleep mode if the fMSTR is selected to run off the PLL, the CPU waits until the LOCK bit is
set before it starts to run.
The LOCK bit is set when the PLL clock has stabilized (locked status) and maintains this
value as long as the PLL is locked. You can select the PLL clock as fMSTR clock source only
when the LOCK bit is 1. If the LOCK bit goes to 0 if for any reason, the PLL loses the
programmed frequency in which it was locked. In this case, the LOCK_LOST bit is set and
fMSTR automatically switches back to fOSC. fPLL is restored as the fMSTR source when the
LOCK bit becomes 1 again.
The LOCK and LOCK_LOST events can be configured to generate interrupt requests to the
VIC.
f
PLL
2N
f
OSC
×
×
() M2
×
p
()
⁄
=
1
M
255
≤≤
1N
255
≤≤
0P5
≤≤
1MHz
f
OSC M2MHz
≤
⁄
≤
200MHz
2
N
f
OSC
×
×
() M
⁄
622MHz
≤≤
4MHz
f
OSC
25MHz
≤≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com