Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2633 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN2633
Description  STR91xFA low power management and power consumption
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2633 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN2633 Datasheet HTML 31Page - STMicroelectronics AN2633 Datasheet HTML 32Page - STMicroelectronics AN2633 Datasheet HTML 33Page - STMicroelectronics AN2633 Datasheet HTML 34Page - STMicroelectronics AN2633 Datasheet HTML 35Page - STMicroelectronics AN2633 Datasheet HTML 36Page - STMicroelectronics AN2633 Datasheet HTML 37Page - STMicroelectronics AN2633 Datasheet HTML 38Page - STMicroelectronics AN2633 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
AN2633
Operating measurements
35/48
3.2.4
How to test an example of power modes
1.
Uncomment the selected clock source and frequency in the two files: main.c and
91x_lpmode.c
, if you are going to run a test in Normal Run mode and Idle mode. There
are 5 possibilities:
#define Clock_OSC
The source clock is the oscillator. Therefore, the system clock is set at 25 MHz.
The clock dividers are with their default values.
#define Clock_RTC
The source clock is the RTC. Therefore, the system clock is set at 32.768 KHz.
The clock dividers are with their default values.
#define Clock_PLL48
The source clock is the PLL with a system frequency of 48 MHz. All the clock
dividers are with their default values:
#define Clock_PLL66
The source clock is the PLL with a system frequency of 66 MHz. The clock
dividers are as follows:
APBDIV=2, AHBDIV=RCLKDIV=1 and fFMICLK=fRCLK=fBRCLK=fEMI_BCLK.
#define Clock_PLL96
configure the PLL as clock source. The system frequency is 96 MHz. The clock
dividers are as follows:
APBDIV=2, AHBDIV=RCLKDIV=1 and fFMICLK=fRCLK=fBRCLK=fEMI_BCLK.
For special interrupt mode tests, select either oscillator or PLL as clock source. For
sleep mode tests, select only oscillator as clock source.
2.
Put the test number in the #define test number.
For example, to select LPMode_Idle_RTCAlarm_Periph_ON test you write:
#define Test_Number 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com