Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 55 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 51Page - STMicroelectronics RM0319 Datasheet HTML 52Page - STMicroelectronics RM0319 Datasheet HTML 53Page - STMicroelectronics RM0319 Datasheet HTML 54Page - STMicroelectronics RM0319 Datasheet HTML 55Page - STMicroelectronics RM0319 Datasheet HTML 56Page - STMicroelectronics RM0319 Datasheet HTML 57Page - STMicroelectronics RM0319 Datasheet HTML 58Page - STMicroelectronics RM0319 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 368 page
background image
RM0319
Multiport DDR controller (MPMC)
Doc ID 022640 Rev 3
55/368
6.2
Main features
●
Multichannel AHB interfaces:
–
Five independent AHB ports
–
Separate AHB memory controller programming interface
–
Supports all AHB burst types
–
Lock transactions are not supported
–
Port queue post multiple AHB transactions
●
Internal efficient port arbitration scheme to ensure high memory bandwidth utilization.
●
Fully pipelined read - write commands
●
Advanced bank look-ahead features for high memory throughput
●
Programmable register interface to control memory device parameters and protocols
including the following main functionalities:
–
Auto pre-charge
–
Read/write grouping
–
Bank splitting
–
Bank grouping
–
Swapping
–Aging
●
Full initialization of memory on memory controller reset
●
DRAM controller supports both DDR-Mobile and DDR2 memory devices:
–
DDR Mobile up to 166 MHz (333 MT/sec)
–
DDR2 up to 333 MHz (666 MT/sec)
●
Memory frequency with DLL enable configured within range from 100 MHz to 333 MHz.
●
Controller supports:
–
Wide range of memory device: 128 MBit, 256 MBit, 512 MBit, 1 MBit, 2 MBit
–
Two chip selects
–
Memory data with 8 or 16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com