Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 59 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 55Page - STMicroelectronics RM0319 Datasheet HTML 56Page - STMicroelectronics RM0319 Datasheet HTML 57Page - STMicroelectronics RM0319 Datasheet HTML 58Page - STMicroelectronics RM0319 Datasheet HTML 59Page - STMicroelectronics RM0319 Datasheet HTML 60Page - STMicroelectronics RM0319 Datasheet HTML 61Page - STMicroelectronics RM0319 Datasheet HTML 62Page - STMicroelectronics RM0319 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 368 page
background image
RM0319
Multiport DDR controller (MPMC)
Doc ID 022640 Rev 3
59/368
The AHB port clock and the MPMC core clock must be aligned in frequency in phase. The
AHB-memory controller port interface block will not be required to perform any clock
synchronization in any of the FIFOs.
●
2:1 Port: Core Pseudo-Synchronous ('b10)
The port operates at half of the frequency of the core frequency, with clocks that are
aligned in phase. One stage of the two-stage synchronization logic of the FIFOs will be
utilized to synchronize commands, WRITE data and READ data to the appropriate
clock domain.
●
1:2 Port: Core Pseudo-Synchronous ('b01)
The port frequency is twice the core frequency, although the clocks are aligned in
phase. One stage of the two-stage synchronization logic of the FIFOs will be utilized to
synchronize commands, WRITE data and READ data to the appropriate clock domain.
●
Asynchronous ('b00)
The AHB bus and the memory controller core operate on clocks that are mismatched in
frequency and phase. The AHB port FIFOs use two stages of synchronization logic to
synchronize commands, WRITE data and READ data to the appropriate clock domain.
AHB Port FIFOs
Incoming transactions on the AHB bus are processed by the interface logic and mapped into
equivalent transactions on the memory controller core bus. These transactions are queued
in the port FIFOs.
There are three separate AHB port FIFOs for commands, READ data and WRITE data. The
depths of the FIFOs are configured by the user and generally dependent on system
requirements.
Command FIFO
The command FIFO holds the AHB command address, burst type and size. Typically, the
command FIFO is fairly small in depth due to the single-threaded, pipelined nature of the
AHB protocol. The protocol does not allow more than one outstanding transaction on any
AHB port. A deeper command FIFO is only useful in situations when the master issues
several very short WRITE bursts.
In this case, the commands and the associated data will be completely captured in the
command and write FIFOs and the bus will be free to start other operations.
Read FIFO
The read FIFO holds the ahbX_HRDATA signals sent back from the memory controller.
There is only one streaming READ data interface out from the memory for all AHB ports.
The memory controller steers this data stream to the port that requested the data. As a
result, the AHB ports must be ready to accept the READ data as soon as it is available on
the internal memory controller core bus to avoid stalling the memory controller itself.
Write FIFO
The write FIFO holds the ahbX_HWDATA signals sent into the memory controller. The depth
of the write FIFO depends on the typical length of a burst write transaction.
Note:
There is a WRITE data queue inside the memory controller core as well. Therefore, the
write FIFOs allow the AHB bus to off load its WRITE command completely before it is fully
transferred to the memory controller core buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com