Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 88 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 84Page - STMicroelectronics RM0319 Datasheet HTML 85Page - STMicroelectronics RM0319 Datasheet HTML 86Page - STMicroelectronics RM0319 Datasheet HTML 87Page - STMicroelectronics RM0319 Datasheet HTML 88Page - STMicroelectronics RM0319 Datasheet HTML 89Page - STMicroelectronics RM0319 Datasheet HTML 90Page - STMicroelectronics RM0319 Datasheet HTML 91Page - STMicroelectronics RM0319 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 368 page
background image
Multiport DDR controller (MPMC)
RM0319
88/368
Doc ID 022640 Rev 3
6.4.8
Half datapath option
The memory controller can also reduce the usable size of the bus between the memory
controller itself and memory devices. This feature is very useful when a different memory
part, having a smaller data width, is utilized. To use a memory device with a smaller
datapath, the half datapath option could be enabled setting the programmable reduc
parameter to 1'b1. The memory interface consists of the data signal (DQ) [15:0], data strobe
(DQS) [1:0] and data mask (DM) [1:0]. When the reduc parameter is set to 1'b1, only the
lower half of the memory interface is used. In this setting, the upper half bits of the
dm_disable, dqs_disable and data_disable signals are driven high, causing the upper half of
the data and data strobe buses to be driven low. The upper half of the data mask bus is
driven high.
If the reduc parameter is cleared to 1'b0, the memory controller will ignore the half datapath
option and work normally. In this case, the entire memory interface will be used. Table 32
displays the effect of the Half Datapath option on the memory interface buses.
6.4.9
User-defined registers
The memory controller contains two user-defined parameters. These register-width size
parameters hold user-defined values that will be available as output signals
param_user_def_reg_X (X is 0 or 1) at the core (stp_memcd) level. These parameters have
no effect on the memory controller except that utilizing addresses in the register map.
Only a single bit of the user-defined registers is used in this configuration. All other bits of
user_def_reg_0 and user_def_reg_1 are available if customer hookup is required.
Bit 0 of user_def_reg_0 controls the READ data retime function. This function provides the
user with a choice in clock synchronization paths in the PHY.
An alternative path has been created allowing the PHY to synchronize the READ data to the
core clock domain and then pass the data to the read FIFO synchronously, i.e. in 1one clock
cycle. This constrains the 1/4 cycle path for clock synchronization within the PHY between
two flip-flops which are easily co-located, however it adds a cycle of latency to the path.
Bit 0 of user_def_reg_0 allows the user to select the desired path. If the bit is cleared to
1'b0, the alternative path is used and synchronization occurs in the PHY, incurring the extra
cycle of latency. If the bit is set to 1'b1, the standard path is used.
6.4.10
Address mapping
The memory controller automatically maps user addresses to the DRAM memory in a
contiguous block. Address map begins at user address 0 and finishes at the highest
available address according to the size and number of DRAM devices present. This
mapping is dependent on how the memory controller is configured and how the parameters
Table 32.
Memory interface buses with Half Datapath option
Signal
Reduc parameter is set (1‘b1)
Reduc parameter is cleared(1‘b0)
Bus size
Relevant bit
Bus size
Relevant bit
Data DQ
[15:00]
[07:00]
[15:00]
[15:00]
Data DQS
[01:00]
[00:00]
[01:00]
[01:00]
Data DM
[01:00]
[00:00]
[01:00]
[01:00]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com