Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 37 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 33Page - STMicroelectronics RM0319 Datasheet HTML 34Page - STMicroelectronics RM0319 Datasheet HTML 35Page - STMicroelectronics RM0319 Datasheet HTML 36Page - STMicroelectronics RM0319 Datasheet HTML 37Page - STMicroelectronics RM0319 Datasheet HTML 38Page - STMicroelectronics RM0319 Datasheet HTML 39Page - STMicroelectronics RM0319 Datasheet HTML 40Page - STMicroelectronics RM0319 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 368 page
background image
RM0319
BootROM
Doc ID 022640 Rev 3
37/368
5.4
Hardware overview
Figure 6.
Hardware memory
5.4.1
eROM (Embedded ROM)
eROM is the 32KB of area starting from 0xFFFF_0000. The ARM processor is mapped to
HIGH vectors and starts executing instructions from 0xFFFF_0000.
5.4.2
Shadow memory
Shadow memory is the area where BootROM copies the X-Loader after reading/receiving
from any of the booting processes. Address where X-Loader is copied in the shadow
memory is specified in the X-Loader header.
5.4.3
System controller
The system controller is used to program/control the system clock mode and frequency.
After reset, the system is set to DOZE mode.
BootROM configures the system in different modes depending on different booting types:
●
For serial NOR, parallel NOR, 8/16-bit NAND, UART0 and BootROM bypass booting:
SLOW mode (CPU 24 MHz - AHB 24 MHz)
●
For Ethernet and USB booting: NORMAL mode (CPU 333 MHz - AHB 166 MHz)
ARM
Shadow
Memory
eSRAM
FF00.0000h
eROM
High Vectors
SDRAM
(DDR2)
NAND/
NOR
FLASHES
Power On Reset
D2800000h
SPEAr320S
Boot ROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com