Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 58 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 54Page - STMicroelectronics RM0319 Datasheet HTML 55Page - STMicroelectronics RM0319 Datasheet HTML 56Page - STMicroelectronics RM0319 Datasheet HTML 57Page - STMicroelectronics RM0319 Datasheet HTML 58Page - STMicroelectronics RM0319 Datasheet HTML 59Page - STMicroelectronics RM0319 Datasheet HTML 60Page - STMicroelectronics RM0319 Datasheet HTML 61Page - STMicroelectronics RM0319 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 368 page
background image
Multiport DDR controller (MPMC)
RM0319
58/368
Doc ID 022640 Rev 3
Configured options
Each AHB port in the memory controller has been defined for the requirements of the
intended system. The configured options are:
Type of interface
All ports of the MPMC are clock domain programmable relative to the main core clock.
These ports initialize in asynchronous operation, but can be changed by programming the
associated ahbY_fifo_type_reg parameter. For more information on setting this parameter,
refer to Port clocking.
Asynchronous FIFOs handle the clock domain crossing when operating in any of the non
synchronous modes. Refer to Table 15: Configured AHB settings, for the clock relativity for
each port.
Note:
When switching between asynchronous and synchronous mode of operation, ensure that
there are no outstanding transactions on the port whose behaviour is being changed. If
transactions are waiting, there may be unexpected loss of data or a lockout condition on that
AHB port.
Datapath width
Each port has a data interface width of 32 bits.
READ and WRITE command Lengths for INCR Operations
AHB ports handle sequential requests of unspecified length (INCR) by issuing block data
requests of the size programmed in the associated ahbX_wrcnt or ahbX_rdcnt parameter
(where X is the port number). If the request is larger than the value programmed in that
parameter, the request will be divided into multiple requests. Subsequent read commands
will be issued when the last word of data has been delivered back to the requesting AHB
port. Subsequent WRITE commands will be issued after the last data word of the previous
request has been transferred from the AHB interface to the memory controller core. The
value defined in each parameter should be a multiple of the number of bytes in the AHB bus
width. For this memory controller, since the AHB bus width is 32 bits, these parameters
should be programmed to 4, 8, 12, 16, etc. up to 1024 bytes.
Port FIFO depths
Each data port contains a read, a write and a command FIFO. The depth of each buffer in
each port is listed in Table 15: Configured AHB settings.
Error detection
When an illegal operational condition is detected on a new AHB transaction entering the
port, the port responds with an ERROR.
Port clocking
There are four user-selectable modes of operation for each of the AHB memory controller
port interfaces.
The mode is set by programming the corresponding ahbY_fifo_type_reg parameter. The
four settings are:
●
Synchronous ('b11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com