Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 42 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 38Page - STMicroelectronics RM0319 Datasheet HTML 39Page - STMicroelectronics RM0319 Datasheet HTML 40Page - STMicroelectronics RM0319 Datasheet HTML 41Page - STMicroelectronics RM0319 Datasheet HTML 42Page - STMicroelectronics RM0319 Datasheet HTML 43Page - STMicroelectronics RM0319 Datasheet HTML 44Page - STMicroelectronics RM0319 Datasheet HTML 45Page - STMicroelectronics RM0319 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 368 page
background image
BootROM
RM0319
42/368
Doc ID 022640 Rev 3
5.6.3
BootROM Bypass
BootROM bypass mode uses the serial NOR device in XIP (execute in place) mode. The
image header is authenticated and the code directly jumps to an address pointed to by the
image load address (ih_load) found in the image header. When using BootROM bypass
mode, no validation or authentication is performed on the image data, it is the sole
responsibility of the user to ensure that the image being executed comes from a trusted
source
Header authentication is performed in 3 steps:
1.
The value of bits 3:0 in the Boot_Strap_Reg (address 0xB3000000) is compared with
0xB
2.
ih_magic is compared with 0x27051956
3.
ih_hcrc is compared with the calculated CRC of the header
If the authentication is successful, then BootROM jumps to address ih_load
If authentication fails, or any other error occurs, BootROM shifts to USB boot.
Figure 10.
Serial NOR Flash boot & BootROM bypass
5.6.4
NAND Flash boot
1.
To detect NAND devices, initialize the FSMC controller with the relaxed timing values:
–
Thiz
= 0x01
–
Thold = 0x04
–
Twait = 0x06
–
Tset
= 0x00
BootROM
Bypass mode
authenticated?
bypass
NO
-
-
-
Passed
YES
Jump to
ih_load
USB boot
Copy X
Loader from Flash to shadow memory
Authenticate X
Loader?
Failed
Jump (at ih_load) to X
Loader in shadow memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com