Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 83 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 79Page - STMicroelectronics RM0319 Datasheet HTML 80Page - STMicroelectronics RM0319 Datasheet HTML 81Page - STMicroelectronics RM0319 Datasheet HTML 82Page - STMicroelectronics RM0319 Datasheet HTML 83Page - STMicroelectronics RM0319 Datasheet HTML 84Page - STMicroelectronics RM0319 Datasheet HTML 85Page - STMicroelectronics RM0319 Datasheet HTML 86Page - STMicroelectronics RM0319 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 368 page
background image
RM0319
Multiport DDR controller (MPMC)
Doc ID 022640 Rev 3
83/368
Before the memory devices are removed from self-refresh, the MPMC and memory
clocks will be gated on.
6.4.2
Low power mode control
The memory controller may enter and exit the various low power modes in the following
ways:
●
Automatic Entry: When the memory controller is idle, 4 different timing counters begin
counting the cycles of inactivity. If any of the counters expires, the memory controller
enters the low power mode associated with that counter.
●
Manual Entry: The user may set any low power mode by setting the bit of the
lowpower_control parameter associated with the desired mode. The memory controller
will enter the selected low power mode when it is has completed its current burst.
Automatic and Manual entry methods are both controlled by two parameters:
lowpower_control and lowpower_auto_enable. The lowpower_control parameter contains
individual enable/disable bits for each low power mode, and the lowpower_auto_enable
parameter controls whether each mode will be entered automatically or manually.
Automatic entry
Automatic Entry will occur as all the following conditions are matched:
●
The mode is programmed for automatic entry by setting the relevant bit in the
lowpower_auto_enable parameter to 1'b1.
●
The particular mode is enabled in the lowpower_control parameter.
●
The memory controller is idle.
●
The counter associated with this mode expires.
There are 4 counters to full cover the 5 low power modes. There are separate counters for
each of the three memory self-refresh low power modes (Modes 3, 4 and 5). Memory
Power-Down mode (Mode 1) and Memory Power-Down with Memory Clock Gating mode
(Mode 2) share the same counter.
The counters determine the number of idle cycles before entering into the associated low
power mode. Every counter is re-initialized each time there is a new READ or WRITE
transaction entering or executing in the memory controller. This guarantees that the MPMC
will not enter any of the low power modes when active.
Each low power mode can be entered through automatic entry, and will be exited
automatically whenever any of the following conditions occur:
●
A new READ or WRITE transaction appears at the MPMC interface.
●
The MPMC must refresh the memory when in either of the power-down modes (Modes
1 or 2). After completing the memory refresh, the MPMC re-enters power-down.
●
The counter for a deeper low power mode expires. The MPMC must exit the current low
power mode in order to enter the deeper low power mode. A minimum of 15 cycles
occur between exit from one low power mode before entering into the next low power
mode, even if the counters expire within 15 cycles of each other.
Note:
The memory controller will not enter a less deep low power mode, regardless of which
counter expires.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com