Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 97 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 93Page - STMicroelectronics RM0319 Datasheet HTML 94Page - STMicroelectronics RM0319 Datasheet HTML 95Page - STMicroelectronics RM0319 Datasheet HTML 96Page - STMicroelectronics RM0319 Datasheet HTML 97Page - STMicroelectronics RM0319 Datasheet HTML 98Page - STMicroelectronics RM0319 Datasheet HTML 99Page - STMicroelectronics RM0319 Datasheet HTML 100Page - STMicroelectronics RM0319 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 368 page
background image
RM0319
Serial NOR Flash controller (SMI)
Doc ID 022640 Rev 3
97/368
7.3.4
Data transfers
Read request
A read request from an AHB master to external SPI memory is served only if SMI is in
hardware mode, and write burst mode is not enabled. Otherwise, an error flag is set (ERF1
flag in the SMI_SR register, and an ERROR response is sent back to the AHB master.
When a read request occurs in normal mode (that is, frequency up to 20 MHz), the SMI
sends the following data sequence to the bank selected by the AHB address bits [24.25].
Read data bytes instruction opcode (8’h03)
3- or 2-byte address (depending on the ADD_LENGTH bit of SMI_CR1 register, from
the MSB to the LSB,
Then, clock is sent to the memory until the end of burst requested by the AHB master.
In contrast, when a read request occurs in fast mode (that is, frequency ranging from
20 MHz to 50 MHz), the following sequence is sent:
Read data bytes at high speed instruction opcode (8’h0B),
3- or 2-byte address (depending on the ADD_LENGTH bit of SMI_CR1 register, from
the MSB to the LSB,
1 dummy byte (8’h00),
The clock is sent to the memory until the end of burst requested by the AHB master.
The external memory bank remains selected as long as
There is no external memory address jump,
No new commands are sent to the SMI (such as write enable request, read status
register command set, software mode or write burst mode, write request, bank disable,
prescaler configuration change),
No memory access error occurs.
Note:
The memory bank also remains selected when the address rolls over from 0x00FF_FFFF to
0x0000.0000 within the same bank.
Write request
A write request from the AHB master to external SPI memory is served only if SMI is in
hardware mode, otherwise an error flag is set (ERF1 flag in the SMI_SR register). Wrapping
bursts is not allowed as long as external SPI memories do not support them, and an
ERROR response is sent back to the AHB master.
When a write request occurs, this request is forwarded to external memory only if both
following conditions are fulfilled:
First, the selected bank should be in write mode (the corresponding bit in WM field of
SMI_SR register is flagged). Otherwise, a dedicated error flag is set (the ERF2 flag in
the SMI_SR register) and an ERROR response is sent back to the AHB master.
Note:
To enable write mode, select the memory bank using the BS bits in the SMI_CR2 register,
and then set the WEN bit in the SMI_CR1 register.
Second, no write should be in progress. The WIP bit of external memory status register
in the SMI_SR register (bit [0]) must be cleared. If this condition is not met, AHB is
stalled until WIP = 1‘b0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com