Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 96 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 92Page - STMicroelectronics RM0319 Datasheet HTML 93Page - STMicroelectronics RM0319 Datasheet HTML 94Page - STMicroelectronics RM0319 Datasheet HTML 95Page - STMicroelectronics RM0319 Datasheet HTML 96Page - STMicroelectronics RM0319 Datasheet HTML 97Page - STMicroelectronics RM0319 Datasheet HTML 98Page - STMicroelectronics RM0319 Datasheet HTML 99Page - STMicroelectronics RM0319 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 368 page
background image
Serial NOR Flash controller (SMI)
RM0319
96/368
Doc ID 022640 Rev 3
In both operation modes, SMI can work:
●
In normal mode, by clearing the FAST bit in the SMI_CR1 register, with a frequency up
to 20 MHz (19 MHz at power-on).
●
In fast mode, by setting the FAST bit in the SMI_CR1 register, with a frequency ranging
from 20 MHz to 50 MHz.
Hardware mode
Hardware mode allows SMI to perform read/write requests from any AHB master which can
directly access the external serial memory.
In particular, external serial memory is mapped in AHB address space as shown in
Figure 22,
Figure 22.
External SPI memory map in AHB address space
In this mode, both the transmit register SMI_TR and the receive register SMI_RR must not
be accessed. They are actually in charge of the SMI state machine to communicate with the
selected external memory device, whenever an AHB master reads or writes an address into
the memory.
At power-on reset, the SMI operates in hardware mode (allowing to boot from external
memory, as explained in Section 7.5.1).
Software mode
Software mode is intended to allow any AHB master to access external serial memory by
programming the internal SMI registers and reading them for memory replies. In this mode,
a direct transfer to/from external memory – that is, bypassing SMI registers - is not permitted
to an AHB master.
In particular, software mode is used both to transfer any data or commands from transmit
register (SMI_TR to external serial memory, and to read data directly in the receive register
(SMI_RR). The transfer actually starts setting the dedicated SEND bit in the SMI_CR2
register.
Besides, in software mode the application code being executed by the CPU cannot be
fetched from external memory, because of the incompatibility between software and
hardware mode. The code must be either hosted by internal memory or previously loaded
from external memory while SMI is in hardware mode.
For example, software mode is used to erase Flash memories before writing. Indeed,
memory erasing cannot be performed in hardware mode due to the incompatibility of Flash
devices from different vendors.
External Serial
Memory Space
CS0
CS1
0xF9FF_FFFF
0xF800_0000
0xF9FF_FFFF
0xF800_0000
0xF900_0000
0xF8FF_FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com