Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 51 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 47Page - STMicroelectronics RM0319 Datasheet HTML 48Page - STMicroelectronics RM0319 Datasheet HTML 49Page - STMicroelectronics RM0319 Datasheet HTML 50Page - STMicroelectronics RM0319 Datasheet HTML 51Page - STMicroelectronics RM0319 Datasheet HTML 52Page - STMicroelectronics RM0319 Datasheet HTML 53Page - STMicroelectronics RM0319 Datasheet HTML 54Page - STMicroelectronics RM0319 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 368 page
background image
RM0319
BootROM
Doc ID 022640 Rev 3
51/368
5.6.7
Ethernet boot
Ethernet boot mode is supported via the MII0 interface of the SPEAR320S.
There are two different Ethernet boot modes:
●
Ethernet I2C boot mode
●
Ethernet SPI boot mode
The only difference between these two modes is the underlying protocol used to read the
MAC address from EEPROM. The modes are selected by setting the booting pins (see
Section 5.3).
●
In Ethernet I2C boot mode, the device tries to read the MAC address from the
EEPROM using the I2C protocol. The EEPROM is assumed to be present at I2C
address 0x50.
●
In Ethernet SPI boot mode, the device tries to read the MAC address from the
EEPROM using the SPI protocol. EEPROM is assumed to be on CS 0.
For both types of EEPROMs, BootROM first tries to see if it contains a valid MAC address or
not. This is determined by reading two bytes from offset 0 (in both cases). For a MAC
address to be valid, the first byte should be 0x55 and the subsequent byte should be 0xAA.
Otherwise, it considers the MAC address stored in EEPROM as valid and reads it. So, the
next 6 bytes (from offset 0x2 in the EEPROM) are considered as the MAC address and the
booting proceeds further.
Pictorially, for EEPROM to have a valid MAC address its contents should be:
Address
offset
Contents
Note:
If there is no EEPROM present on the board or the MAC address is invalid, the device uses
the default MAC address 00:80:E1:00:55:01
Additionally, Ethernet boot mode uses the following two protocols:
●
DHCP: To acquire configuration information, such as IP address, default route and
TFTP server IP address
●
TFTP: To receive X-Loader and U-Boot images
Once the device has its own IP, it can communicate with the TFTP server to download the
images and execute them. The first image which is downloaded is X-Loader. It is
responsible for initializing the PLLs and DDR memory. The U-Boot image is downloaded
and run after X-Loader has completely run.
The boot mode flow is described below. (see also Figure 14):
1.
Once the SPEAr device gets the MAC address, it initiates the DHCP protocol and
broadcasts a DHCP DISCOVER message.
2.
The DHCP server (in the network) must be configured to recognize the MAC address
that the device uses so that it can respond with appropriate network parameters (IP
address, default Gateway, subnet mask and TFTP SERVER IP). So, in response to
0x0
0x1
0x2
0x3
0x4
0x5
0x6
0x7
0x55
0xAA
MAC01
MAC02
MAC03
MAC04
MAC05
MAC06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com