Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 95 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 91Page - STMicroelectronics RM0319 Datasheet HTML 92Page - STMicroelectronics RM0319 Datasheet HTML 93Page - STMicroelectronics RM0319 Datasheet HTML 94Page - STMicroelectronics RM0319 Datasheet HTML 95Page - STMicroelectronics RM0319 Datasheet HTML 96Page - STMicroelectronics RM0319 Datasheet HTML 97Page - STMicroelectronics RM0319 Datasheet HTML 98Page - STMicroelectronics RM0319 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 368 page
background image
RM0319
Serial NOR Flash controller (SMI)
Doc ID 022640 Rev 3
95/368
AHB-to-SMI interface
Acting as an AHB slave interface, the SMI is accessed by the AHB master through the AHB
bus. The following rules apply to this interface:
Endianness is fixed to little-endian.
SPLIT / RETRY responses from AHB slave (that is., the SMI) are not supported.
Size of data transfers to external serial memories can be byte, half-word or word (8-/16-
or 32-bit).
Size of data transfers to SMI registers must be 32 bits.
Read requests: all types of BURST defined by AHB protocol are supported (single,
wrapping and incrementing). Please note that wrapping bursts take more time than
incrementing bursts, because there is a break in the address increment.
Note:
If EEPROMs are used instead of Flash memories, the read request address should be
(ADDRESS + 1), where ADDRESS should be the actual target address to be read.
Write requests: wrapping bursts are not supported, causing an ERROR response on
HRESP sent back by SMI to AHB master.
Bursts must not cross bank boundaries.
In case of BUSY transfers, the SMI is held until BUSY is inactive.
SMI-to-MEMORY interface
Acting as a SPI master, the SMI supports a synchronous full-duplex data link with its up to 2
SPI slaves (the serial memory devices).
Each SPI slave must agree with the communication protocol fixed by SMI in terms of clock
polarity (CPOL) and clock phase (CPHA), specifically CPOL = 1 and CPHA = 1 (where clock
idles high and data is shifted in and out on the rising edge of the clock).
Prior to any operation involving a SPI-compatible off-chip memory device, the related SPI
slave must be selected by SMI (through chip select), then an 1-byte instruction must be sent
by SMI to the selected memory. The set of instructions supported by SMI is given in
Table 34.
7.3.3
Operation modes
SMI can run in two operation modes:
Hardware mode, by clearing the SW bit in the SMI_CR1 register.
Software mode, by setting the SW bit in the SMI_CR1 register.
Table 34.
SMI supported instruction
Opcode
Description
8’h03
Read data bytes.
8’h0B
Read data bytes at high speed.
8’h05
Read status register.
8’h06
Write enable.
8’h02
Page program.
8’hAB
Release from deep power-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com