Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 100 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 96Page - STMicroelectronics RM0319 Datasheet HTML 97Page - STMicroelectronics RM0319 Datasheet HTML 98Page - STMicroelectronics RM0319 Datasheet HTML 99Page - STMicroelectronics RM0319 Datasheet HTML 100Page - STMicroelectronics RM0319 Datasheet HTML 101Page - STMicroelectronics RM0319 Datasheet HTML 102Page - STMicroelectronics RM0319 Datasheet HTML 103Page - STMicroelectronics RM0319 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 368 page
background image
Serial NOR Flash controller (SMI)
RM0319
100/368
Doc ID 022640 Rev 3
taking into account up to 9 clock periods in addition to 64 clock periods required to both
send command to serial Flash memory (1-byte opcode + 3-bytes address) and receive back
32 bits.
●
Besides, under the same assumption, the nominal latency for a 32 bit single write to a
non-incrementing serial Flash address is:
●
5 tAHB maximum, if PRESC = 1 (that is, tAHB = tSMI_CLK).
●
(2 tSMI_CLK + 3 tAHB) maximum, if PRESC > 1 (that is, tAHB ≠ tSMI_CLK, and specifically
tSMI_CLK > tAHB).
In case of AHB read burst transfers, the maximum latency for all transfers after the first is the
same as data size, that is (32 tSMI_CLK) for a word transfer, (16 tSMI_CLK) for a half-word and
(8 tSMI_CLK) for a byte, because of no mandatory extra commands (instruction opcode and
address).
Moreover, for AHB write burst transfers, the maximum latency for the 2nd transfer is (data
size + opcode + address bytes) whereas it is the same as data size for following transfers.
However, nominal latency can be increased by:
●
Ongoing SMI transfer (read, write, read status register command or write enable
command)
●
Deselect time programming (field TCS in SMI_CR1 register), which adds (TCS + 1) ·
SMI_CLK periods
●
Busy / Idle transfer on AHB bus
●
Fast read which adds 1 dummy byte
●
Hold programming (field HOLD in SMI_CR1 register)
●
Boot delay time (Section 7.5.1)
●
Frequency change
●
Programming on-going
7.5
Programming examples
7.5.1
Booting from external memory
The device allows an external boot from a serial Flash only located at Bank0 (which is
enabled after power-on reset). During the boot phase, the following instructions sequence is
automatically sent to bank0:
●
Release from deep power-down (opcode 8’hAB, Table 34), in order to be able to boot
on this bank even if it was in deep power-down mode.
●
29 µs delay to ensure Bank0 is successfully released.
●
Read status register (opcode 8’h05), in order to check that bank0 is neither in write nor
in erase cycle.
●
Read data bytes (opcode 8’h03) at memory start location (that is, 32’h0) with a 19 MHz
clock frequency.
Note:
1
All memory banks other than Bank0 are disabled at reset and they must be enabled by
setting dedicated BE bits in SMI_CR1 register before they can be accessed.
2
If an AHB request occurs while either the WEN bit or the RSR bit (both in SMI_CR2 register,
is set, the on-going command is first finished before the request from AHB is sent to the
memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com