Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 104 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 100Page - STMicroelectronics RM0319 Datasheet HTML 101Page - STMicroelectronics RM0319 Datasheet HTML 102Page - STMicroelectronics RM0319 Datasheet HTML 103Page - STMicroelectronics RM0319 Datasheet HTML 104Page - STMicroelectronics RM0319 Datasheet HTML 105Page - STMicroelectronics RM0319 Datasheet HTML 106Page - STMicroelectronics RM0319 Datasheet HTML 107Page - STMicroelectronics RM0319 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 368 page
background image
External memory interface (EMI)
RM0319
104/368
Doc ID 022640 Rev 3
9
External memory interface (EMI)
This chapter focuses on EMI functionality and operation.
For technical details about the programmable registers related to the EMI, refer to the EMI
registers in the following companion document:
●
RM0321: SPEAr320S address map and registers
9.1
Overview
The EMI Controller provides a simple external memory interface that can be used to
connect to SRAM, NOR Flash memory or FPGA devices. The protocol uses quite a few
signals. This block is designed to perform simple read-write operations and does not
support any kind of burst operation (neither on the AHB nor on the EMI interface). The data
exchange flow of the attached device must be broken down into simple operations and
should be performed in accordance with the EMI cycles
9.2
Main features
●
AHB slave interface
●
Non-multiplexed address and data bus
●
EMI is always master on the EMI bus
●
Performs 16-/8-bit transfers
●
Can access 4 different peripherals using CS#, one at a time
●
Support single transfer with acknowlegement signal expected which is used to
terminate the transfer
●
Supports peripherals which use the byte lane procedure
9.3
Functional description
The EMI block is an AHB slave module which can interface an external FPGA,SRAM or
NOR Flash through the EMI interface. The following figure shows the AHB and EMI
interfaces of the EMI module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com