Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 56 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 52Page - STMicroelectronics RM0319 Datasheet HTML 53Page - STMicroelectronics RM0319 Datasheet HTML 54Page - STMicroelectronics RM0319 Datasheet HTML 55Page - STMicroelectronics RM0319 Datasheet HTML 56Page - STMicroelectronics RM0319 Datasheet HTML 57Page - STMicroelectronics RM0319 Datasheet HTML 58Page - STMicroelectronics RM0319 Datasheet HTML 59Page - STMicroelectronics RM0319 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 368 page
background image
Multiport DDR controller (MPMC)
RM0319
56/368
Doc ID 022640 Rev 3
●
Configurable memory parameters:
–
Row address from 8 to 15 bits
–
Column address from 7 to 14 bits
–
Memory internal banks 4 or 8
●
Programmable DQS0/1 signals per byte configurable single ended and differential
mode
●
Built-in adjustable delay compensation circuitry (DCC) for reliable data sends and
captures timing
●
Dynamic memory self refresh power reduction automatically activated from SoC power
management unit
6.3
Functional description
Figure 15.
MPMC block diagram
The multiport memory controller supports high memory bandwidth and an efficient
arbitration scheme for high priority agent requests.
The memory controller architecture consists of the following main sub-blocks:
●
AHB port interfaces
●
Arbiter
●
Command queue with placement logic
●
Write data queue
●
DRAM command processing
The core controller interfaces with standard AHB ports through the interface blocks. All
requests are processed through the internal arbiter which feeds single commands to the
command queue of the core controller. Write and read data is routed independently of the
arbiter through the data interfaces. There are multiple write data interfaces to the write data
AHB-CFG
AHB0
AHB1
AHB2
AHB3
AHB4
PHY
Ext.Memory I/F
Multi port Memory Controller
CORE
Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com