Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 69 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 65Page - STMicroelectronics RM0319 Datasheet HTML 66Page - STMicroelectronics RM0319 Datasheet HTML 67Page - STMicroelectronics RM0319 Datasheet HTML 68Page - STMicroelectronics RM0319 Datasheet HTML 69Page - STMicroelectronics RM0319 Datasheet HTML 70Page - STMicroelectronics RM0319 Datasheet HTML 71Page - STMicroelectronics RM0319 Datasheet HTML 72Page - STMicroelectronics RM0319 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 368 page
background image
RM0319
Multiport DDR controller (MPMC)
Doc ID 022640 Rev 3
69/368
Understanding port priority
For AHB ports, the priority is associated with a port and each port has separate priority
parameter for READ and WRITE operations. These values are stored into the
programmable parameters ahbX_r_priority and ahbX_w_priority (where X is the port
number) at startup. Internally, the ports are organized into priority groups based on their
priority setting.
The priority value is also used by the placement logic inside the core when filling the
command queue, with “0” meaning highest priority and “7” as lowest priority.
Even if the user is allowed to set a “0” priority level, it would be better to avoid this specific
value so the placement queue can reach this level by aging.
Understanding relative priority
Inside each priority group, the relative priority is used to set arbitration. The MPMC contains
8 identical priority groups with control logic selecting among the requests from all ports at
that given priority level. The relative priority parameters ahbX_priorityY_relative_priority
(where X being the port number and Y the priority group) “weight” the ports for each level
and determine how the priority group will be arbitrated.
Figure 18 shows this type of arbitration system.
53
Y
Y
No
P3
0
6
0
YYYes
None
0
7
0
YYNo
P0
1
81
Y
No
P2
2
9
2
YYNo
P2
3
10
3
Y
Y
No
P3
0
Table 19.
Round-Robin operation example
Cycle
Port addressed
by an arbitration
counter
Port requesting
Command
queue full?
Winner of
arbitration
Value of counter
at the next cycle
P0
P1
P2
P3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com