Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 40 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 36Page - STMicroelectronics RM0319 Datasheet HTML 37Page - STMicroelectronics RM0319 Datasheet HTML 38Page - STMicroelectronics RM0319 Datasheet HTML 39Page - STMicroelectronics RM0319 Datasheet HTML 40Page - STMicroelectronics RM0319 Datasheet HTML 41Page - STMicroelectronics RM0319 Datasheet HTML 42Page - STMicroelectronics RM0319 Datasheet HTML 43Page - STMicroelectronics RM0319 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 368 page
background image
BootROM
RM0319
40/368
Doc ID 022640 Rev 3
Figure 8.
Boot flow
5.6.1
Serial NOR Flash boot
In NOR Boot, BootROM tries to authenticate X-Loader in the first sector of Flash. The load
address of X-Loader (ih_load) is specified in the 64-byte X-Loader header.
Authentication is performed in 3 steps:
1.
The value of bits 3:0 in the Boot_Strap_Reg (address 0xB3000000) is compared with
0x3
2.
ih_magic is compared with 0x27051956
3.
ih_hcrc is compared with the calculated CRC of the header
If the authentication is successful, then BootROM copies X-Loader from Flash to ‘shadow
memory’ area (address pointed to by ih_load) and jumps to it.
If X-Loader authentication fails, or any other error occurs during serial NOR boot, BootROM
shifts to USB boot.
5.6.2
Serial (UART0) boot
Serial boot initializes the UART0 IP and uses the X-modem protocol to receive the X-Loader
image at a fixed baud rate of 11250 bits per second (bps). It then runs the X-Loader image
which initializes the PLLs and DDR and then returns back the control to the boot code. After
this, X-modem protocol is again used to download the U-Boot image into DDR and then the
image is run from there. To be noted that this booting mode does not require any non-
volatile memory to be present on the board.
Start
Initialize
interrupts
SMI initialization
Test boot type
Proceed to
specific boot
Boot
successful?
Infinite loop
Yes
No
Jump to X-loader/ U_Boot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com