Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 93 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 89Page - STMicroelectronics RM0319 Datasheet HTML 90Page - STMicroelectronics RM0319 Datasheet HTML 91Page - STMicroelectronics RM0319 Datasheet HTML 92Page - STMicroelectronics RM0319 Datasheet HTML 93Page - STMicroelectronics RM0319 Datasheet HTML 94Page - STMicroelectronics RM0319 Datasheet HTML 95Page - STMicroelectronics RM0319 Datasheet HTML 96Page - STMicroelectronics RM0319 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 368 page
background image
RM0319
Serial NOR Flash controller (SMI)
Doc ID 022640 Rev 3
93/368
7
Serial NOR Flash controller (SMI)
This chapter focuses on SMI functionality and operation.
For technical details about the programmable registers related to the SMI, refer to the SMI
registers in the following companion document:
●
RM0321: SPEAr320S address map and registers
7.1
Overview
SPEAr320S provides a serial memory interface (SMI), acting as an AHB slave interface
(32-, 16- or 8-bit) to SPI-compatible off-chip memories. SMI allows the CPU to use these
serial memories for both data storage and code execution.
7.2
Main features
●
Supports a group of SPI-compatible Flash and EEPROM devices:
–
Micron M25Pxxx, M45Pxxx
–
STMicroelectronics M95xxx, except M95040, M95020 and M95010
–ATMEL AT25Fxx
–YMC Y25Fxx
–
SST SST25LFxx
●
Acts always as a SPI master and up to 2 SPI slave memory devices are supported
(through as many chip select signals), with up to 16 MB address space each.
●
The SMI clock signal (SMI CLK) is generated by SMI and inputs to all slaves. It can be
up to 50 MHz in fast read mode (or 20 MHz in normal mode), and it can be controlled
by a programmable 7-bit prescaler allowing 127 different clock frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com