Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 26 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 22Page - STMicroelectronics RM0319 Datasheet HTML 23Page - STMicroelectronics RM0319 Datasheet HTML 24Page - STMicroelectronics RM0319 Datasheet HTML 25Page - STMicroelectronics RM0319 Datasheet HTML 26Page - STMicroelectronics RM0319 Datasheet HTML 27Page - STMicroelectronics RM0319 Datasheet HTML 28Page - STMicroelectronics RM0319 Datasheet HTML 29Page - STMicroelectronics RM0319 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 368 page
background image
ARM926EJ-S
RM0319
26/368
Doc ID 022640 Rev 3
3
ARM926EJ-S
This chapter focuses on ARM926EJ-S functionality and operation.
For technical details about the programmable registers related to the ARM926EJ-S, refer to
the system configuration registers (MISC) in the following companion document:
●
RM0321: SPEAr320S address map and registers
3.1
Overview
The ARM926EJ-S is a powerful processor, targeted for multitasking applications. Belonging
to the ARM9 general purpose family of microprocessors, its main outstanding feature is the
memory management unit, which provides virtual memory features, making it also
compliant with advanced operating systems, like Linux.
The ARM926EJ-S supports the 32-bit ARM and the 16-bit Thumb instruction sets, enabling
the user to trade off between high performance and high code density. It includes features
for efficient execution of byte code Java mode. Additionally, it has the ARM debug
architecture and includes logic to assist in software debug.
3.2
Main features
●
Max CPU frequency 333 MHz (downward scalable)
●
MMU
●
16 Kbyte of instruction cache + 16 Kbyte of data cache
●
AMBA bus interface
●
JTAG and ETM9 (embedded Trace macro-cell) for debug, Medium+ version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com