Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 99 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 99 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 95Page - STMicroelectronics RM0319 Datasheet HTML 96Page - STMicroelectronics RM0319 Datasheet HTML 97Page - STMicroelectronics RM0319 Datasheet HTML 98Page - STMicroelectronics RM0319 Datasheet HTML 99Page - STMicroelectronics RM0319 Datasheet HTML 100Page - STMicroelectronics RM0319 Datasheet HTML 101Page - STMicroelectronics RM0319 Datasheet HTML 102Page - STMicroelectronics RM0319 Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 368 page
background image
RM0319
Serial NOR Flash controller (SMI)
Doc ID 022640 Rev 3
99/368
Read while write mode
If a read request occurs for the bank which is in programming phase, the AHB bus is stalled
until no write in progress (WIP = 1‘b0). (please refer to SMI_SR register description for
details on WIP bit).
If a read request occurs for another bank, the read status register sequence is stopped, then
the read request is served and, finally, the read status register sequence is sent again to the
memory bank being programmed.
It follows that during a read while write, the selected external SPI memory is released after
the read command, in order to send the read status register sequence.
Erase and write status register
In case of serial Flash, an erase may be necessary before writing. Due to incompatibility
between different serial Flash vendors, erase and write status register can be done only in
software mode.
It is mandatory to send previously the write enable instruction through Software mode only
(that is, setting the WEN bit in SMI_CR2 register, in order to avoid corruption of the WM bit
in the SMI_SR register. Indeed, the end of either internal Flash erase or write status register
cannot be checked by hardware mode, preventing generation of write complete interrupt. On
the other hand, WIP bit can be checked by continuously sending a read status register
command.
7.4
Clocks
The memory clock (SMI_CLK) is generated by SMI through its programmable prescaler unit
(Section 7.3.1), as depicted in Figure 21.
The incoming AHB bus frequency fAHB (HCLK signal) is divided by the value stored in the
PRESC field of SMI_CR1 register, resulting in the SMI clock frequency fSMI_CLK:
●
fSMI_CLK = fAHB / 2*(PRESC value)
that is,
●
tSMI_CLK = tAHB · 2*(PRESC value)
being tSMI_CLK and tAHB the clock period of the SMI clock and the AHB bus, respectively.
Note:
If PRESC is an even value, high time and low time of SMI clock are both equal to half a
tSMI_CLK. In contrast, in case PRESC is an odd value:
tSMI_CLK, high= [(PRESC - 1) / 2]
tSMI_CLK, low = [(PRESC + 1) / 2]
7.4.1
Latencies
Assuming that SMI is not busy by now, the nominal latency for a 32 bit single read to a non-
incrementing serial Flash address, is:
●
73 tAHB maximum, if PRESC = 1 (that is, tAHB = tSMI_CLK).
●
(68 tSMI_CLK + 5 tAHB) maximum, if PRESC > 1 (that is, tAHB ≠ tSMI_CLK, and specifically
tSMI_CLK > tAHB),



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com