Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 25 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 21Page - STMicroelectronics RM0319 Datasheet HTML 22Page - STMicroelectronics RM0319 Datasheet HTML 23Page - STMicroelectronics RM0319 Datasheet HTML 24Page - STMicroelectronics RM0319 Datasheet HTML 25Page - STMicroelectronics RM0319 Datasheet HTML 26Page - STMicroelectronics RM0319 Datasheet HTML 27Page - STMicroelectronics RM0319 Datasheet HTML 28Page - STMicroelectronics RM0319 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 368 page
background image
RM0319
Device overview
Doc ID 022640 Rev 3
25/368
2.2
IP groups
Table 2.
SPEAr320S IP groups
IP group
Constituent IPs
Processors, &
busses
ARM926EJ-S
Multilayer interconnect matrix (BUSMATRIX)
Vectored interrupt controller (VIC)
General device
resources
BootROM
DMA controller (DMAC)
General purpose timers (GPT)
Power, reset and clock control
Real-time clock (RTC)
System controller (SYSCTR)
Watchdog timer (WDT)
Security co-processor (C3)
System configuration registers (MISC)
Memory
interfaces
Multiport DDR controller (MPMC)
MMC-SD card/SDIO controller
Serial NOR Flash controller (SMI)
Parallel NAND Flash controller (FSMC)
External memory interface (EMI)
Graphics, video,
& audio
LCD display controller (CLCD)
JPEG codec accelerator (JPGC)
Digital audio port (I2S)
High-speed
connectivity
Fast Ethernet port (MII0)
Fast Ethernet ports (RMII0/RMII1/MII1)
USB 2.0 Host ports (UHC)
USB 2.0 Device ports (UDC)
Other
connectivity
Analog-to-digital converter (ADC)
Asynchronous serial ports (UART)
Extended general purpose I/O (PL_GPIO)
Basic general purpose I/Os (basGPIO)
I2C bus ports (I2C)
Pulse width modulators (PWM)
Legacy IEEE 1284 parallel port (SPP)
Fast infrared port (IRDA)
Reconfigurable array subsystem (RASCFG)
Controller area network ports (CAN)
Synchronous serial ports (SSP)
Touchscreen interface (TOUCHSCREEN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com