Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 89 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 85Page - STMicroelectronics RM0319 Datasheet HTML 86Page - STMicroelectronics RM0319 Datasheet HTML 87Page - STMicroelectronics RM0319 Datasheet HTML 88Page - STMicroelectronics RM0319 Datasheet HTML 89Page - STMicroelectronics RM0319 Datasheet HTML 90Page - STMicroelectronics RM0319 Datasheet HTML 91Page - STMicroelectronics RM0319 Datasheet HTML 92Page - STMicroelectronics RM0319 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 368 page
background image
RM0319
Multiport DDR controller (MPMC)
Doc ID 022640 Rev 3
89/368
in the internal memory controller registers are programmed (Section 6.5). The exact number
and values of these parameters depends on the configuration and the type of memory for
which the memory controller was designed.
The mapping of the address space to the internal data storage structure of the DRAM
devices is based on the actual size of the DRAM devices available. The size is stored in
user-programmable parameters that must be initialized at power up. Certain DRAM devices
allow for different mapping options to be chosen, while other DRAM devices depend on the
burst length chosen.
DDR SDRAM address mapping options
The address structure of DDR SDRAM devices contains five fields. Each of these fields can
be individually addressed when accessing the DRAM. The address map for this memory
controller is ordered as follows:
“Chip Select - Row - Bank - Column - Datapath”
The maximum widths of the fields are based on the configuration settings. The actual widths
of the fields may be smaller if the device address width parameters (addr_pins,
eight_bank_mode and column_size) are programmed differently.
Maximum address space
The maximum user address range is determined by the width of the memory datapath, the
number of chip select pins, and the address space of the DRAM device. The maximum
amount of memory can be calculated by the following formula:
Max Memory Bytes = ChipSelects x 2Address x NumBanks x DPWidthBytes
For this memory controller, the maximum values for these fields are as follows:
●
Chip Selects = 2
●
Device Address = 15+14 (Row+Column)
●
Number of Banks = 8
●
Datapath Width in Bytes = 2 bytes
As a result, the maximum addressable memory area is 16 GB. The maximum memory
capacity is 1GB, which can be implemented with different combinations of these
parameters.
Memory mapping to address space
The maximum allowable address space and mapping into the DRAM devices for the
memory controller is shown in Figure 19. This map corresponds to a memory device with 15
row bits and 14 column bits.
Figure 19.
Memory map: Maximum
The addr_pins and column_size parameters can range from the maximum configured for
the memory controller to seven bits smaller than the maximum configured. This allows the
memory controller to work with a wide variety of memory device sizes.
Chip Select
Row
Bank
Column
Data Path
33
33 32
18 17
15 14
1 0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com