Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 60 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 56Page - STMicroelectronics RM0319 Datasheet HTML 57Page - STMicroelectronics RM0319 Datasheet HTML 58Page - STMicroelectronics RM0319 Datasheet HTML 59Page - STMicroelectronics RM0319 Datasheet HTML 60Page - STMicroelectronics RM0319 Datasheet HTML 61Page - STMicroelectronics RM0319 Datasheet HTML 62Page - STMicroelectronics RM0319 Datasheet HTML 63Page - STMicroelectronics RM0319 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 368 page
background image
Multiport DDR controller (MPMC)
RM0319
60/368
Doc ID 022640 Rev 3
6.3.2
AHB register port
The AHB memory controller interface contains a special register port for converting AHB
register addresses to the core register addresses. This port operates asynchronously.
However, unlike the data ports, the register port has no allocated storage in the form of
FIFOs.
The register port only supports the AHB SINGLE transaction burst types for all transactions
with a bytes-per-beat (2ahbX_HSIZE) equal to or less than the width of the AHB register
bus. There is no support for WRAP transactions or early burst termination for the register
port. BUSY cycles can be inserted between the incrementing burst operations.
Similar to the data ports, the AHB register port responds to illegal conditions with the
ERROR response. However, a register port ERROR will only occur when the transaction
address is not aligned to the size of the transaction.
All parameters related to the AHB port operation are located in the MPMC core register
map.
These parameters are programmed during the MPMC initialization sequence along with all
of the other device parameters. A typical boot-up sequence includes a reset of the AHB
ports as well as of the MPMC core, followed by core setting for AHB operation by AHB
register port.
6.3.3
AHB transactions
The AHB memory controller supports the complete set of AHB transactions. The list
includes: SINGLE, INCR4, INCR8, INCR16, WRAP4, WRAP8, WRAP16 and INCR.
For documentation purposes, INCRx will refer to INCR4, INCR8 or INCR16 commands.
WRAPx will refer to WRAP4, WRAP8 or WRAP16 commands. Command handling is
defined for full-size transfers, in which the bytes-per-beat is equal to the bus width, or narrow
transfers, where the bytes-per-beat is less than the bus width.
Full-Size SINGLE, INCRx or WRAPx transactions
SINGLE and INCRx transactions with a bytes-per-beat value (2ahbX_HSIZE) equal to the
width of the AHB bus are issued as single memory controller commands to the core. The
starting address of the transaction is the same as the address specified during the first
NONSEQ beat of the corresponding AHB transaction. The MPMC core accepts these
commands in a pipelined fashion such that, for read transactions, the READ data can be
delivered in contiguous data words back to the AHB interface. These words may not be
contiguous if other AHB requests with higher priority get placed ahead of some of these
commands, or if the read queue inside the core is not deep enough to absorb a full burst.
Table 15.
Configured AHB settings
Port
number
Data
width
Clock domain type
Command
FIFO depth
Write FIFO
depth
Read FIFO
depth
0
32
Async or Sync
8
8
8
1
32
Async or Sync
8
8
8
2
32
Async or Sync
8
16
16
3
32
Async or Sync
8
8
8
4
32
Async or Sync
8
8
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com