Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR36021 Datasheet(PDF) 17 Page - International Rectifier

Part # IR36021
Description  DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR36021 Datasheet(HTML) 17 Page - International Rectifier

Back Button IR36021 Datasheet HTML 13Page - International Rectifier IR36021 Datasheet HTML 14Page - International Rectifier IR36021 Datasheet HTML 15Page - International Rectifier IR36021 Datasheet HTML 16Page - International Rectifier IR36021 Datasheet HTML 17Page - International Rectifier IR36021 Datasheet HTML 18Page - International Rectifier IR36021 Datasheet HTML 19Page - International Rectifier IR36021 Datasheet HTML 20Page - International Rectifier IR36021 Datasheet HTML 21Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
IR36021 
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus 
Interface 
February 27, 2013 | Rev 3.5 
17
 
 
Figure 10: Correct sequencing of bias voltages 
 
The  IR36021  is  designed  to  accommodate  a  wide  variety  
of  input  power  supplies  and  applications  and  offers 
programmability of the VINSEN turn‐on/off voltages. 
 
TABLE 1: VINSEN TURN‐ON/OFF VOLTAGE RANGE 
Threshold 
Range 
Turn‐on 
4.5V to 15.9375V in 1/16V steps
1 
Turn‐off 
4.5V to 15.9375V in 1/16V steps
1 
1 Must not be programmed below 4.5V 
The supply voltage on the VINSEN pin is compared against 
a programmable threshold. Once the rising VINSEN voltage 
crosses the turn‐on threshold, EN is asserted and all PWM 
outputs become active. The VINSEN supply voltage is valid 
until it declines below its programmed turn‐off level.  
A  14:1  or  22:1  attenuation  network  is  connected  to  the 
VINSEN  pin  as  shown  in  Figure  11.  Recommended  values 
for  a  12V  system  are  RVIN_1  =  13kΩ  and  RVIN_2  =  1kΩ,  with  
a  1%  tolerance  or  better.  Recommended  values  for  a 
mobile  7V‐19V  system  are  RVIN_1 = 21kΩ and RVIN_2 = 1kΩ. 
CVINSEN is required to have up to a maximum value of 10nF 
and a minimum 1nF for noise suppression.  
 
Figure 11: VINSEN resistor divider network 
 
 
 
POWER‐ON SEQUENCING 
The  VR  power‐on  sequence  is  initiated  when  all  of  the 
following conditions are satisfied: 
 IR36021 Vcc (+3.3V rail) > VCC UVLO 
 Input Voltage (VINSEN rail) > Vin UVLO 
 ENABLE is HIGH 
 VR has no Over‐current, Over‐voltage or  
Under‐voltage faults on either rail depending on 
the settings 
 MTP transfer to configuration registers occurred 
without parity error 
When the power‐on sequence is initiated, and with VBoot 
set  to  >  0V,  both  rails  will  ramp  to  their  configured  boot 
voltages 
and 
assert 
PGood1 
and 
PGood2.  
The  slew  rate  to  VBoot  is  programmed  per  Table  2.  This 
table shows that the slew‐rate of VBoot is either ½ or ¼ of 
the  fast  rate  shown  in  the  first  two  columns.  There  is  a 
1/10 multiplier, which if chosen will reduce the fast rate by 
a factor of 10. This multiplier can be chosen by setting the 
highest  bit  of  the  register#  31Hex  (refer  to  IR36021 
Register Map). 
On  the  other  hand, when  the  power‐on  sequence  is 
initiated, If Vboot= 0V, the VR will stay at 0V and will not 
soft‐start until an operation command (margin high/low) is 
received from the PMBUs or the manual_VID registers are 
loaded  by  a  non‐zero  value  through  I2C  (for  example 
through  GUI).  Note  that  the  slew‐rate  of  Vout  when 
margining or manual_VID registers are used is equal to the 
fast rate shown in Table 2.  
If a margining command is executed before EN goes high, 
the device will startup and rise to VBoot and then go to the 
margin voltage. 
When EN1 and EN2 are both active, each loop starts when 
its  own  Enable  goes  high  provided  that  other  startup 
conditions  are  met  as  mentioned  before.  Under  this 
condition,  usually  both  loops  start  together  when  Vin 
voltage is applied. 
The  two  loops  can  be  configured  to  share  a  single  Enable 
signal (EN1). Under this condition EN2 is configured to be 
‘Don’t  Care’.  This  mode  of  operation  is  useful  when 
sequencing is required. For example, one of the loops can 
be  configured  to  follow  the  other  loop  with  a  delay  at 
startup (Figure 12) or both loops can be configured to start 
simultaneously with a programmable delay from EN1 going 
high  (Figure  13).  The  different  options  for  delay  are 
summarized in Table 3. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com