Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR36021 Datasheet(PDF) 21 Page - International Rectifier

Part # IR36021
Description  DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR36021 Datasheet(HTML) 21 Page - International Rectifier

Back Button IR36021 Datasheet HTML 17Page - International Rectifier IR36021 Datasheet HTML 18Page - International Rectifier IR36021 Datasheet HTML 19Page - International Rectifier IR36021 Datasheet HTML 20Page - International Rectifier IR36021 Datasheet HTML 21Page - International Rectifier IR36021 Datasheet HTML 22Page - International Rectifier IR36021 Datasheet HTML 23Page - International Rectifier IR36021 Datasheet HTML 24Page - International Rectifier IR36021 Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
IR36021 
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus 
Interface 
February 27, 2013 | Rev 3.5 
21
CURRENT BALANCING & OFFSET 
The  IR36021  provides  accurate  digital  phase  current 
balancing  for  loop1  when  it  is  configured  to  operate  in  
2‐phase  mode.  Current  balancing  equalizes  the  current 
across  the  two  phases.  This  improves  efficiency,  prevents 
hotspots and reduces the possibility of inductor saturation. 
The  sensed  currents  for  each  phase  are  converted  to  a 
voltage  and  are  multiplexed  into  the  monitor  ADC.  
The  digitized  currents  are  low‐pass  filtered  and  passed 
through a proprietary current balance algorithm to enable 
the equalization of the current in two phases.  
Figure  21  shows  that  due  to  component  and  layout 
mismatches  and  other  offsets  in  the  control  and 
measurement  circuits,  the  reported  current  values  in  the 
GUI are a little different for the two phases (loop1) when 
current  balancing  is  disabled.  Figure  22  shows  that  when 
current  balancing  is  enabled  the  current  in  two  phases 
become almost equal.  
In  addition,  the  IR36021  allows  the  user  to  offset  phase 
currents to optimize the thermal solution. Figure 23 shows 
that  Phase  1  current  has  been  programmed  to  have 
approximately  30%  more  current  than  the  other  phase. 
30%  is  the  maximum  offset  that  can  be  applied  in  the 
system. For the graphs shown in Figures 21, 22, and 23 the 
load current has been measured by a multi‐meter whereas 
the phase currents are the values reported in the GUI.  
In  addition  to  the  low  speed  phase  balancing,  mentioned 
above,  there  is  a  proprietary  high‐speed  active  phase 
current  balancing  (HSPB)  which  operates  during  load 
transients.  HSBP’s  purpose  is  to  eliminate  current 
imbalance  that  can  result  from  a  load  current  oscillating 
near the switching frequency. The phase pulse widths are 
compared and the largest pulse is skipped if its pulse width 
exceeds an internally set threshold relative to the smallest 
phase.  This  ensures  that  the  phases  remain  balanced 
during high frequency load transients. 
High  speed  phase  balancing  (HSPB)  and  regular  (low‐
speed)  phase  balancing  can  be  activated/disabled 
independently. 
Phase Balancing Disabled
0
5
10
15
20
25
30
35
10
20
30
40
50
60
ILoad [A]
P1
P2
Figure 21: Phase Currents for a tested sample when phase 
balancing is disabled. The current in phase 2 is a little more than 
phase 1. The currents values are the reported GUI values. 
Phase Balancing Enabled
0
5
10
15
20
25
30
35
10
20
30
40
50
60
ILoad [A]
P1
P2
Figure 22: Phase Currents measured when phase‐balancing is 
activated for the same tested sample used for Figure 21 . The 
currents in two phases are almost equal. 
Phase Balancing Enabled, P1 30% more current
0
5
10
15
20
25
30
35
10
20
30
40
50
60
ILoad [A]
P1
P2
a
 
Figure 23: Phase Currents measured when phase‐balancing is 
activated and the current in phase 1 is programmed to be about 
30% more than the current in phase 2 (same tested sample). 
CURRENT CALIBRATION 
For  optimizing  the  current  measurement  accuracy  of  a 
design  or  even  individual  boards,  the  IR36021  contains  a 
register  in  MTP  which  can  store  a  user‐programmed  
Total  Current  Offset  to  zero  the  no‐load  current  reading. 
Refer to Table 27 for output current calibration registers. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com