Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR36021 Datasheet(PDF) 2 Page - International Rectifier

Part # IR36021
Description  DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR36021 Datasheet(HTML) 2 Page - International Rectifier

  IR36021 Datasheet HTML 1Page - International Rectifier IR36021 Datasheet HTML 2Page - International Rectifier IR36021 Datasheet HTML 3Page - International Rectifier IR36021 Datasheet HTML 4Page - International Rectifier IR36021 Datasheet HTML 5Page - International Rectifier IR36021 Datasheet HTML 6Page - International Rectifier IR36021 Datasheet HTML 7Page - International Rectifier IR36021 Datasheet HTML 8Page - International Rectifier IR36021 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
IR36021 
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus 
Interface 
February 27, 2013 | Rev 3.5 
2
PIN DIAGRAM 
 
PWM2
VRTN1
VSEN1
TSEN
V18A
RRES
VCC
PWM1b
PWM1a
RCSM2
RCSP2
PGood2
VRTN2
VSEN2
1
2
7
8
5
6
3
4
20
19
22
21
24
23
17
18
33 GND
32 Pin 5x5 QFN
Top View
10
14
12
11
15
13
16
9
31
27
29
30
26
28
25
32
PGood1
EN2
 
 
Figure 3: IR36021 Package Bottom View 
5mm X 5mm QFN 
 
ORDERING INFORMATION 
 
 
Package 
Tape and Reel Qty 
Part Number 
M 
3000 
IR36021MTRPbF 
 
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com