Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR36021 Datasheet(PDF) 16 Page - International Rectifier

Part # IR36021
Description  DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR36021 Datasheet(HTML) 16 Page - International Rectifier

Back Button IR36021 Datasheet HTML 12Page - International Rectifier IR36021 Datasheet HTML 13Page - International Rectifier IR36021 Datasheet HTML 14Page - International Rectifier IR36021 Datasheet HTML 15Page - International Rectifier IR36021 Datasheet HTML 16Page - International Rectifier IR36021 Datasheet HTML 17Page - International Rectifier IR36021 Datasheet HTML 18Page - International Rectifier IR36021 Datasheet HTML 19Page - International Rectifier IR36021 Datasheet HTML 20Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
IR36021 
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus 
Interface 
February 27, 2013 | Rev 3.5 
16
REAL‐TIME MONITORING 
The  IR36021  can  be  accessed  through  the  use  of  PMBus 
Command  codes  (described  on  page  37)  to  read  the  real 
time  status  of  the  VR  system  including  input  voltage, 
output voltage, input and output current, input and output 
power, efficiency, and temperature. 
 
THEORY OF OPERATION 
 
DEVICE POWER‐ON AND INITIALIZATION 
The  IR36021  is  powered  from  a  3.3V  DC  supply.  Figure  8 
shows  the  timing  diagram  during  device  initialization.  
An internal LDO generates a 1.8V rail to power the control 
logic within the device. During initial startup, the 1.8V rail 
follows  the  rising  3.3V  supply  voltage,  proportional  to  an 
internal  resistor  tree.  The  internal  oscillator  becomes 
active  at  t1  as  the  1.8V  rail  is  ramping  up.  Until  soft‐start 
begins,  the  IR36021  PWM  outputs  are  disabled  in  a  high 
impedance  state  to  ensure  that  the  system  comes  up  in  
a known state.  
The  controller  comes  out  of  power‐on  reset  (POR)  at  t2 
when the 3.3V supply is high enough for the internal bias 
central  to  generate  1.8V.  At  this  time,  if  enabled  in  MTP 
and  when  the  VINSEN  voltage  is  valid,  the  controller  will 
detect the populated phases by sensing the voltage on the 
PWM pins. If the voltage is less than the Auto Phase Detect 
threshold  (unused  PWMs  are  grounded),  the  controller 
assumes  the  phase  is  unpopulated.  Once  the  phase 
detection  is  complete  the  contents  of  the  MTP  are 
transferred  to  the  registers  by  time  t3  and  the  automatic 
trim routines are complete by time t4. The register settings 
and  number  of  phases  define  the  controller  performance 
specific  to  the  VR  configuration ‐  including  trim  settings, 
soft  start  ramp  rate,  boot  voltage  and  PWM  signal 
compatibility with the MOSFET driver. 
Once the registers are loaded from MTP, the designer can 
use I2C to re‐configure the registers to suit the specific VR 
design requirements if desired. 
TEST MODE 
Driving the ENABLE and VR_HOT pins low engages a special 
test  mode  in  which  the  I2C  address  changes  to  0Ah.  This 
allows  individual  in‐circuit  programming  of  the  controller. 
This  is  specifically  useful  in  multi‐controller  systems  that 
use  a  single  I2C  bus.  Note  that  MTP  will  not  load  to  the 
working registers until either Enable or VR_HOT goes high. 
 
Figure 8: Controller Startup and Initialization 
SUPPLY VOLTAGE  
The  controller  is  powered  by  the  3.3V  supply  rail.  
Once  initialization  of  the  device  is  complete,  steady  and 
stable supply voltage rails and a VR Enable signal (EN) are 
required  to  set  the  controller  into  an  active  state.  A  high 
EN signal is required to enable the PWM signals and begin 
the soft start sequence after the 3.3V and VIN supply rails 
are determined to be within the defined operating bands. 
To  maintain  proper  operation  of  the  device,  glitches  and 
narrow pulses should not be applied to EN pins.  
The  recommended  decoupling  for  the  3.3V  is  shown  in 
Figure  9a.  The  Vcc  pins  should  have  a  0.1µF  X7R  type 
ceramic  capacitors  placed  as  close  as  possible  to  the 
package.  The  V18A  pin  must  have  a  4.7µF,  X5R  type 
decoupling  capacitor  connected  close  to  the  package  as 
shown in Figure 9b. 
 
Figure 9: (a) Vcc 3.3V decoupling, (b) V18A decoupling 
It should be noted that when powering up the system the 
3.3V  supply  for  IR36021  should  be  up  before  the  bias 
voltage  of  the  power  stages  ramp  up.  Likewise,  when  the 
system  is  shutdown,  the  bias  voltage  of  the  power  stages 
should  be  disconnected  before  the  3.3V  is  ramped  down 
(Figure 10). 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com