Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR36021 Datasheet(PDF) 39 Page - International Rectifier

Part # IR36021
Description  DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR36021 Datasheet(HTML) 39 Page - International Rectifier

Back Button IR36021 Datasheet HTML 33Page - International Rectifier IR36021 Datasheet HTML 34Page - International Rectifier IR36021 Datasheet HTML 35Page - International Rectifier IR36021 Datasheet HTML 36Page - International Rectifier IR36021 Datasheet HTML 37Page - International Rectifier IR36021 Datasheet HTML 38Page - International Rectifier IR36021 Datasheet HTML 39Page - International Rectifier IR36021 Datasheet HTML 40Page - International Rectifier IR36021 Datasheet HTML 41Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
IR36021 
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus 
Interface 
February 27, 2013 | Rev 3.5 
39
COMMAND 
PMBUS 
PROTOCOL 
COMMAND 
CODE 
DESCRIPTION 
MFR_REVISION 
Block Read, 
byte count = 2 
9Bh 
Returns a 2 byte code with the following values: 
Low Byte always = 01h 
High Byte is the revision number in hex. 
WRITE_REGISTER_PROCESS_CALL 
Process Call 
D0h 
Write to configuration registers 
READ_REGISTER_PROCESS_CALL 
Process Call 
D1h 
Read from configuration & status registers 
GAMER COMMAND 
Write Word 
D2h 
Enables/disables Gamer Mode and associated 
options 
SET_POINTER 
Write Byte 
D3h 
Sets the register address for reading/writing 
GET_POINTER 
Read Byte 
D4h 
Reads 1 byte from the previously set register 
address 
WRITE_REGISTER 
Write Word 
D5h 
Writes 1 byte to the previously set register 
address 
SET_I2C 
Read/Write Byte 
D6h 
Sets the 7‐bit I2C address according to the bit 
meanings: 
Bit <7> Enable I2C Bus (0 – Disable, 1 – Enable) 
Bit<6:0> 7‐bit I2C address 
READ_EFFICIENCY 
Read Word 
D7h 
Reports the efficiency in %1 
MASK_STATUS_WORD 
Read/Write 
Word 
D8h 
Masks STATUS_WORD bits. 
MASK_TEMPERATURE 
Read/Write Byte 
D9h 
Masks STATUS_TEMPERATURE 
MASK_CML 
Read/Write Byte 
Dah 
Masks STATUS_CML 
MASK_MANUFACTURER 
Read/Write Byte 
DBh 
Masks STATUS_MFR_SPECIFIC 
Note
1 – PMBus: Linear Data Format is used  
 
11‐BIT LINEAR DATA FORMAT 
Monitored parameters use the Linear Data Format (Figure 49) encoding into 1 Word (2 bytes), where: 
N
Y
Value
2
 
Note  N  and  Y  are  “signed”  values.  If,  VOUT  is  set  to  linear  format  (by  VOUT_MODE),  then  N  is  set  by  the  VOUT_MODE 
command and only Y is returned in the data‐field as a 16‐bit unsigned number. 
  
 
7  6  5  4  3   2 1 0
 
7 6 5 4 3 2 1 
 
Figure 49: 11‐bit Linear Data Format 
Databyte High
Databyte Low
N
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com