Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR36021 Datasheet(PDF) 13 Page - International Rectifier

Part # IR36021
Description  DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR36021 Datasheet(HTML) 13 Page - International Rectifier

Back Button IR36021 Datasheet HTML 9Page - International Rectifier IR36021 Datasheet HTML 10Page - International Rectifier IR36021 Datasheet HTML 11Page - International Rectifier IR36021 Datasheet HTML 12Page - International Rectifier IR36021 Datasheet HTML 13Page - International Rectifier IR36021 Datasheet HTML 14Page - International Rectifier IR36021 Datasheet HTML 15Page - International Rectifier IR36021 Datasheet HTML 16Page - International Rectifier IR36021 Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
IR36021 
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus 
Interface 
February 27, 2013 | Rev 3.5 
13
PARAMETER 
SYMBOL 
CONDITIONS 
MIN 
TYP 
MAX 
UNIT 
Fault Protection 
 
 
OVP threshold during 
Start‐up (until output 
reaches 1V) 
 
Selectable  
1.2 
1.275 
1.35 
V 
OVP Operating threshold 
1 
(programmable) 
 
Relative to VID (selectable)  
150‐500  
mV 
OVP filter delay 
1 
 
  
160  
ns 
Output UVP threshold 
1 
(Programmable) 
 
Relative to VID (selectable)  
‐150 to ‐500  
mV 
Fast OCP range 
1   
 
Per phase  
0‐62  
A 
Fast OCP filter bandwidth 
1 
 
  
60  
kHz 
Slow OCP filter bandwidth 
1 
 
Programmable (equal to 
telemetry band‐width) 
 
3.2 or 52  
Hz 
OCP System accuracy 
1 
 
System excluding DCR/sense 
resistor 
 
±2  
% 
VR_HOT range
1 
 
  
64 to 127  
°C 
OTP range
1 
 
VR_HOT level + OTP Range  
64 to 135  
°C 
Dynamic Phase Control  
 
 
 
 
 
 
Current filter bandwidth 
1 
 
For Phase drop 
 
5.3 
 
KHz 
Timing Information 
 
 
 
 
 
 
Automatic Configuration 
from MTP 
1 
t3‐t2  (figure 8) 
3.3V ready to end of 
configuration 
 
 
1 
ms 
Automatic trim time 
1 
t4‐t3 (Figure 8) 
 
 
 
4 
ms 
EN Delay (to ramp start) 
1 
 
 
 
3 
 
us 
VID Delay (to ramp start) 
1 
 
Loop bandwidth dependent 
 
5 
 
us 
PGood1/PGood2 Delay 
1 
 
After reaching boot voltage 
 
20 
 
us 
  
 
 
Notes  
1.
Guaranteed by design but not tested in production 
2.
PWM operating frequency will vary slightly as the number of phases changes (increases/decreases) because of the internal 
calculation involved in dividing a switching period evenly into the number of active phases. 
3.
System accuracy is for a temperature range of 0°C to +85°C. Accuracies will derate by a factor of 1.5x for temperatures outside 
the 0°C to +85°C range. 
 
 
 
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com