Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR36021 Datasheet(PDF) 12 Page - International Rectifier

Part # IR36021
Description  DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR36021 Datasheet(HTML) 12 Page - International Rectifier

Back Button IR36021 Datasheet HTML 8Page - International Rectifier IR36021 Datasheet HTML 9Page - International Rectifier IR36021 Datasheet HTML 10Page - International Rectifier IR36021 Datasheet HTML 11Page - International Rectifier IR36021 Datasheet HTML 12Page - International Rectifier IR36021 Datasheet HTML 13Page - International Rectifier IR36021 Datasheet HTML 14Page - International Rectifier IR36021 Datasheet HTML 15Page - International Rectifier IR36021 Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
IR36021 
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus 
Interface 
February 27, 2013 | Rev 3.5 
12
PARAMETER 
SYMBOL 
CONDITIONS 
MIN 
TYP 
MAX 
UNIT 
PWM I/O  
PWMx 
 
Output low voltage (Tri‐
state mode)   
I=‐4mA   
  
0.4 
V 
Output high voltage (Tri‐
state mode) 
  
I=+4mA 
2.9   
  
V 
Tri‐state leakage  
  
Vpad = 0 to Vcc   
  
±1 
µA 
PWM auto‐detect inputs (when 3.3V is applied) – if enabled  
Input voltage high 
  
  
1.3 
  
  
V 
     Input voltage low   
  
 
0.5 
V 
I2C/PMBus & Reporting 
 
 
Bus Speed 
1  
Normal  
100  
kHz 
Fast  
400  
Maximum  
1000  
Iout & Vout filter 
1  
Selectable  
3.2 or 52  
Hz 
Iout & Vout Update rate 
1  
 
 
20.8  
kHz 
Vin & Temperature filter 
1  
Selectable  
3.2 or 52  
Hz 
Vin & Temperature update 
rate 
1 
  
 
20.8  
kHz 
Vin range reporting 
1 
 
 
 
With 14:1 divider  
0‐15  
V 
With 22:1 divider  
0‐25  
Vin  accuracy reporting  
With 1% resistors,   
 
‐2  
+2 
% 
Vin  resolution reporting 
1  
 
 
62.5 
 
mV 
Vout  range reporting 
1  
 
 
 
2.2 
V 
Vout  accuracy reporting 
1 
 
 
 
No load‐line  
 
± 0.5  
% 
Vout  resolution reporting 
1  
Vout < 2V  
7.8  
mV 
Iout  range reporting 
1  
Per phase 
0  
62 
A 
Iout  accuracy reporting 
1  
Maximum load, all phases active 
(based on DCR, NTC and # active 
phases) 
 
±2  
% 
Iout  resolution reporting 
1 
 
Loop 1 (Iout<80A)  
0.5  
A 
 
Loop 2 (Iout<40A)  
0.25  
Temperature range reporting
1  
 
0  
135 
°C 
Temperature  accuracy 
reporting 
1 
 
At 100°C, with ideal NTC ‐4  
4 
% 
Temperature  resolution 
reporting 
1 
  
 
1  
°C 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com